Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ941-1CH-5D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ941-1CH-5D
Description  MINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ941-1CH-5D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ941-1CH-5D Datasheet HTML 1Page - ZETTLER Electronics AZ941-1CH-5D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003-04-08
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ941
RELAY ORDERING DATA
STANDARD RELAYS: Light Duty Type (3 Amp Contact)
COIL SPECIFICATIONS
ORDER NUMBER
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
Unsealed
Sealed
VDC
VDC
±10%
VDC
58.9
70
4.0
AZ941–1C–5D
AZ941–1C–5DE
610.6
1004.8
AZ941–1C–6D
AZ941–1C–6DE
12
21.2
400
9.6
AZ941–1C–12D
AZ941–1C–12DE
24
42.5
1,600
19.2
AZ941–1C–24D
AZ941–1C–24DE
48
85.0
6,400
38.4
AZ941–1C–48D
AZ941–1C–48DE
STANDARD RELAYS: Medium Duty Type (5 Amp Contact)
COIL SPECIFICATIONS
ORDER NUMBER
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
Unsealed
Sealed
VDC
VDC
±10%
VDC
58.9
70
4.0
AZ941–1CH–5D
AZ941–1CH–5DE
610.6
1004.8
AZ941–1CH–6D
AZ941–1CH–6DE
12
21.2
400
9.6
AZ941–1CH–12D
AZ941–1CH–12DE
24
42.5
1,600
19.2
AZ941–1CH–24D
AZ941–1CH–24DE
48
85.0
6,400
38.4
AZ941–1CH–48D
AZ941–1CH–48DE
STANDARD RELAYS: Heavy Duty Type (12 Amp Contact)
COIL SPECIFICATIONS
ORDER NUMBER
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
Unsealed
Sealed
VDC
VDC
±10%
VDC
58.9
70
4.0
AZ941–1CT–5D
AZ941–1CT–5DE
610.6
1004.8
AZ941–1CT–6D
AZ941–1CT–6DE
12
21.2
400
9.6
AZ941–1CT–12D
AZ941–1CT–12DE
24
42.5
1,600
19.2
AZ941–1CT–24D
AZ941–1CT–24DE
48
85.0
6,400
38.4
AZ941–1CT–48D
AZ941–1CT–48DE
STANDARD RELAYS: Extra Heavy Duty Type (16 Amp Contact)
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
Unsealed
Sealed
VDC
VDC
±10%
VDC
58.9
70
4.0
AZ941–1CW–5DB
AZ941–1CW–5DEB
610.6
1004.8
AZ941–1CW–6DB
AZ941–1CW–6DEB
12
21.2
400
9.6
AZ941–1CW–12DB
AZ941–1CW–12DEB
24
42.5
1,600
19.2
AZ941–1CW–24DB
AZ941–1CW–24DEB
48
85.0
6,400
38.4
AZ941–1CW–48DB
AZ941–1CW–48DEB
*  Add suffix “F” in place of “B” to indicate class F.
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
WIRING DIAGRAM
5
2
1
3
4
Viewed toward terminals
PC BOARD LAYOUT
Viewed toward terminals
.078
(2.0)
.480
(12.2)
.089
(2.3)
.472
(12.0)
.089
(2.3)
.082
(2.1)
.05
(1.3)
5 HOLES
.89
(22.5)
.65
(16.5)
.65
(16.5)
.01
(0.3)
.040
(1.0)
5 PLACES
.01
(0.3)
.138
(3.5)


Similar Part No. - AZ941-1CH-5D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ941-1CH-5D ETC-AZ941-1CH-5D Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ941-1CH-5D AZETTLER-AZ941-1CH-5D Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ941-1CH-5DE ETC-AZ941-1CH-5DE Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ941-1CH-5DE AZETTLER-AZ941-1CH-5DE Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
More results

Similar Description - AZ941-1CH-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ946 ZETTLER-AZ946_14 Datasheet
43Kb / 2P
   MINIATURE PC BOARD RELAY
AZ946 ZETTLER-AZ946 Datasheet
63Kb / 2P
   MINIATURE PC BOARD RELAY
logo
Tyco Electronics
TSC MACOM-TSC Datasheet
87Kb / 2P
   Miniature, Sealed PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com