Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ881P2-1AB-24D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ881P2-1AB-24D
Description  8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ881P2-1AB-24D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ881P2-1AB-24D Datasheet HTML 1Page - ZETTLER Electronics AZ881P2-1AB-24D Datasheet HTML 2Page - ZETTLER Electronics AZ881P2-1AB-24D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COIL
Power
At Pickup Voltage
192 mW (monostable, 2 coil latching)
(typical)
96 mW (1 coil latching)
Max. Continuous
0.75 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
30°C (54°F) at nominal coil voltage
Max. Temperature
130°C (266°F) Class B
155°C (311°F) Class F
CONTACTS
Arrangement
SPST (1 Form A), DPST (2 Form A)
DPST (1 Form A and 1 Form B)
Ratings
Resistive load:
Max. switched power: 150 W or 2000 VA (SPST)
150 W or 1250 VA (DPST)
Max. switched current:
8 A (SPST)
5 A (DPST)
Max. switched voltage: 150 VDC or 380 VAC*
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
SPST
UL, CUR
8 A at 250 VAC resistive, 100k cycles
5 A at 30 VDC resistive, 100k cycles
1/6 HP at 250 VAC
DPST
5 A at 250 VAC resistive, 100k cycles
5 A at 30 VDC resistive, 100k cycles
1/6 HP at 250 VAC
Material
Silver nickel, gold plating optional
Resistance
< 50 milliohms initially
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 8 A 250 VAC resistive (SPST)
Operate Time (typical)
5 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Set Time (typical)
5 ms at nominal coil voltage
Recommended coil pulse: 20 ms
Reset Time (typical)
4 ms at nominal coil voltage
Recommended coil pulse: 20 ms
Dielectric Strength
4000 Vrms contact to coil
(at sea level)
1000 Vrms between open contacts
2000 Vrms between contact sets
Insulation Resistance
1000 megohms min. at 20°C
500 VDC 50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Vibration
0.078” (2.0 mm) DA at 10 to 55 Hz
Shock
20 g functional
100 g destructive
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
5 grams
Packing unit in pcs
50 per plastic tube / 2000 per carton box
AZ881
8 A SPST / 5 A DPST POLARIZED
SUBMINIATURE POWER RELAY
MONOSTABLE OR LATCHING
FEATURES
• Dielectric strength 4000 Vrms
• Single and dual coil latching versions available
• Epoxy sealed version available
• 8 Amp switching
• Class F (155°C) insulation available
• UL, CUR file E44211
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-06-17
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Relay has fixed coil polarity.
4. For complete isolation between the relay’s magnetic fields, it is recom-
mended that a .197" (5.0 mm) space be provided between adjacent relays.
5. Relay adjustment may be affected if undue pressure is exerted
on relay case.
6. Specifications subject to change without notice.
7. DPST (1Form A and 1Form B): Both contacts may be closed
simultaneously during transfer at set / reset process.


Similar Part No. - AZ881P2-1AB-24D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ881P2-1AB-24D AZETTLER-AZ881P2-1AB-24D Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
More results

Similar Description - AZ881P2-1AB-24D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ880 ZETTLER-AZ880 Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
American Zettler, Inc.
AZ881 AZETTLER-AZ881 Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
AZ880 AZETTLER-AZ880 Datasheet
217Kb / 3P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ7709 ZETTLER-AZ7709 Datasheet
490Kb / 3P
   SPST SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ765 AZETTLER-AZ765 Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 AZETTLER-AZ766 Datasheet
101Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ765 ZETTLER-AZ765 Datasheet
64Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 ZETTLER-AZ766_12 Datasheet
44Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 ZETTLER-AZ766 Datasheet
46Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF163F-L HONGFA-HF163F-L Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com