Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF3320 Datasheet(PDF) 5 Page - LOGIC Devices Incorporated

Part # LF3320
Description  Horizontal Digital Image Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3320 Datasheet(HTML) 5 Page - LOGIC Devices Incorporated

  LF3320 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3320 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DEVICES INCORPORATED
Video Imaging Products
2-5
LF3320
Horizontal Digital Image Filter
08/16/2000–LDS.3320-N
Registers on the rising edge of CLK.
When SHENB is HIGH, data can not be
loaded into the Cascade Registers or
shifted through the I/D Registers and
their contents will not be changed.
In Single Filter Mode, SHENB also
enables or disables the loading of data
into the Input (DIN11-0), Reverse
Cascade Output (ROUT11-0) and Filter
A I/D Registers. It is important to note
that in Single Filter Mode, both
SHENA and SHENB should be
connected together. Both must be
active to enable data loading in Single
Filter Mode. SHENB is latched on the
rising edge of CLK.
RSLA3-0 — Filter A Round/Select/Limit
Control
RSLA3-0 determines which of the
sixteen user-programmable Round/
Select/Limit registers (RSL registers)
are used in the Filter A RSL circuitry.
A value of 0 on RSLA3-0 selects RSL
register 0. A value of 1 selects RSL
register 1 and so on. RSLA3-0 is
latched on the rising edge of CLK (see
the round, select, and limit sections for
a complete discussion).
RSLB3-0 — Filter B Round/Select/Limit
Control
RSLB3-0 determines which of the sixteen
user-programmableRSLregistersare
used in the Filter B RSL circuitry. A
value of 0 on RSLB3-0 selects RSL
register 0. A value of 1 selects RSL
register 1 and so on. RSLB3-0 is latched
on the rising edge of CLK (see the round,
select, and limit sections for a complete
discussion).
OED — DOUT Output Enable
When OED is LOW, DOUT15-0 is
enabled for output. When OED is
HIGH, DOUT15-0 is placed in a high-
impedance state.
OEC— COUT/ROUTOutputEnable
When OEC is LOW, COUT11-0 and
ROUT3-0 are enabled for output. When
OEC is HIGH, COUT11-0 and ROUT3-0
are placed in a high-impedance state.
PAUSEA — LF InterfaceTM Pause
When PAUSEA is HIGH, the Filter A
LF InterfaceTM loading sequence is
halted until PAUSEA is returned to a
LOW state. This effectively allows the
user to load coefficients and control
registers at a slower rate than the
master clock (see the LF InterfaceTM
section for a full discussion).
PAUSEB — LF InterfaceTM Pause
When PAUSEB is HIGH, the Filter B LF
InterfaceTM loading sequence is halted
until PAUSEB is returned to a LOW
state. This effectively allows the user
to load coefficients and control regis-
ters at a slower rate than the master
clock (see the LF InterfaceTM section for
a full discussion).
FIGURE 4. SINGLE FILTER MODE
DIN11-0
I/D
REGISTERS
FILTER
A
RSL
CIRCUIT
FILTER
B
ROUT11-0
COUT11-0
DOUT15-0
I/D
REGISTERS
12
12
12
16
RIN11-0
12
DIN11-0
I/D
REGISTERS
FILTER
A
FILTER
B
DOUT15-0
I/D
REGISTERS
R.S.L.
CIRCUIT
R.S.L.
CIRCUIT
12
16
ROUT3-0 / COUT11-0
16
RIN11-0
12
FIGURE 5. DUAL FILTER MODE


Similar Part No. - LF3320

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
More results

Similar Description - LF3320

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9P111 ONSEMI-MT9P111 Datasheet
1Mb / 67P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com