Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF3304QC10 Datasheet(PDF) 6 Page - LOGIC Devices Incorporated

Part # LF3304QC10
Description  Dual Line Buffer/FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3304QC10 Datasheet(HTML) 6 Page - LOGIC Devices Incorporated

Back Button LF3304QC10 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3304QC10 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3304QC10 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3304QC10 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3304QC10 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3304QC10 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3304QC10 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3304QC10 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3304QC10 Datasheet HTML 10Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DEVICES INCORPORATED
LF3304
Dual Line Buffer/FIFO
6
Video Imaging Products
08/16/2000–LDS.3304-F
Storage temperature ............................................................................................................. –65°C to +150°C
Operating ambient temperature ............................................................................................. –55°C to +125°C
VCC supply voltage with respect to ground ............................................................................ –0.5 V to +4.5V
Input signal with respect to ground ........................................................................................... –0.5 V to 5.5 V
Signal applied to high impedance output .................................................................................. –0.5 V to 5.5 V
Output current into low outputs ............................................................................................................. 25 mA
Latchup current ................................................................................................................................ > 400 mA
MAXIMUM RATINGS Above which useful life may be impaired (Notes 1, 2, 3, 8)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VOH
Output High Voltage
VCC = Min., IOH = –4 mA
2.4
V
VOL
Output Low Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input High Voltage
2.0
5.5
V
VIL
Input Low Voltage
(Note 3)
0.0
0.8
V
IIX
Input Current
Ground
≤ VIN ≤ VCC (Note 12)
±10
µA
IOZ
Output Leakage Current
Ground
≤ VOUT ≤ VCC (Note 12)
±10
µA
ICC1
VCC Current, Dynamic
(Notes 5, 6)
50
mA
ICC2
VCC Current, Quiescent
(Note 7)
2mA
CIN
Input Capacitance
TA = 25°C, f = 1 MHz
10
pF
COUT
Output Capacitance
TA = 25°C, f = 1 MHz
10
pF
ELECTRICAL CHARACTERISTICS Over Operating Conditions (Note 4)
OPERATING CONDITIONS To meet specified electrical and switching characteristics
Mode
Temperature Range (Ambient)
Supply
Voltage
Active Operation, Commercial
0°C to +70°C
3.00 V
≤ VCC ≤ 3.60 V
Active Operation, Military
–55°C to +125°C
3.00 V
≤ VCC ≤ 3.60 V


Similar Part No. - LF3304QC10

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3310QC12 LODEV-LF3310QC12 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3310QC15 LODEV-LF3310QC15 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
   12-Mbit Frame Buffer / FIFO
More results

Similar Description - LF3304QC10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WD1510 ETC1-WD1510 Datasheet
332Kb / 4P
   LIFO/FIFO Buffer Register
logo
LOGIC Devices Incorpora...
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
   12-Mbit Frame Buffer / FIFO
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74AUP2G126 PHILIPS-74AUP2G126 Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com