Electronic Components Datasheet Search |
|
LF3310QC12 Datasheet(PDF) 7 Page - LOGIC Devices Incorporated |
|
LF3310QC12 Datasheet(HTML) 7 Page - LOGIC Devices Incorporated |
7 / 21 page DEVICES INCORPORATED Video Imaging Products 7 LF3310 Horizontal / Vertical Digital Image Filter 11/08/2001-LDS.3310-H the I/D Register length. The I/D Registers also facilitate using decimation to increase the number of filter taps. Decimation by N is accomplished by reading the horizon- tal filter’s output once every N clock cycles. The device supports decima- tion up to 16:1. With no decimation, the maximum number of filter taps is sixteen. When decimating by N, the number of filter taps becomes 16N because there are N–1 clock cycles when the horizontal filter’s output is not being read. The extra clock cycles are used to calculate more filter taps. When decimating, the I/D Registers should be set to a length equal to the decimation factor. For example, when performing a 4:1 decimation, the I/D Registers should be set to a length of four. When not decimating or when only one data set (non-interleaved data) is fed into the device, the I/D Registers should be set to a length of one. HSHEN enables or disables the loading of data into the forward and reverse I/D Registers when the device is in Dimensionally Separate Mode (see the HSHEN section for a full discussion). When in Orthogonal Mode, HSHEN also enables or disables the loading of data into the input register (DIN11-0) and the line buffers. It is important to note that in Orthogonal Mode, either HSHEN or VSHEN can disable the loading of data into the input register (DIN11-0), FIGURE 9. I/D REGISTER DATA PATHS ALU AB ALU AB COEF 7 COEF 6 ALU AB ALU AB COEF 7 COEF 6 Delay Stage N–1 ALU AB ALU AB COEF 6 EVEN-TAP MODE ODD-TAP MODE ODD-TAP INTERLEAVE MODE 2 COEF 7 2 Delay Stage N FIGURE 8. SYMMETRIC COEFFICIENT SET EXAMPLES 1 2 3 4 5 6 7 8 Even-Tap, Even-Symmetric Coefficient Set Odd-Tap, Even-Symmetric Coefficient Set 1 2 3 4 5 6 7 8 Even-Tap, Odd-Symmetric Coefficient Set 1 2 3 4 5 6 7 I/D Registers, and line buffers. Both must be active to enable data loading in Orthogonal Mode. I/D Register Data Path Control The multiplexer in the middle of the I/D Register data path controls how data is fed to the reverse data path. The forward data path contains the I/D Registers in which data flows from left to right in the block diagram in Figure 1. The reverse data path contains the I/D Registers in which data flows from right to left. When the filter is configured for an even number of taps, data from the last I/D Regis- ter in the forward data path is fed into the first I/D Register in the reverse data path (see Figure 9). |
Similar Part No. - LF3310QC12 |
|
Similar Description - LF3310QC12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |