Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF3320QC12 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # LF3320QC12
Description  Horizontal Digital Image Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3320QC12 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  LF3320QC12 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3320QC12 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
DEVICES INCORPORATED
Video Imaging Products
2-3
LF3320
Horizontal Digital Image Filter
08/16/2000–LDS.3320-N
SIGNAL DEFINITIONS
Power
VCC and GND
+3.3 V power supply. All pins must be
connected.
Clock
CLK — Master Clock
The rising edge of CLK strobes all
enabled registers.
Inputs
DIN11-0 — Data Input
DIN11-0 is the 12-bit data input port to
Filter A. In Dual Filter Mode, DIN11-0
can also be the 12-bit input port to
Filter B. Data is latched on the rising
edge of CLK.
RIN11-0 — Reverse Cascade Input
In Single Filter Mode, RIN11-0 is the 12-
bit reverse cascade input port. This
port is connected to ROUT11-0 of
another LF3320. In Dual Filter Mode,
RIN11-0 can be the 12-bit input port to
Filter B. Data is latched on the rising
edge of CLK.
CFA11-0 — Coefficient A Input
CFA11-0 is used to load data into the
Filter A coefficient banks (banks 0
through 7) and the configuration/
control registers. Data present on
CFA11-0 is latched into the Filter A LF
InterfaceTM on the rising edge of CLK
when LDA is LOW (see the LF
InterfaceTM section for a full discus-
sion).
CAA7-0 — Coefficient Address A
CAA7-0 determines which row of data
in coefficient banks 0 through 7 is fed
to the multipliers. CAA7-0 is latched
into Coefficient Address Register A on
the rising edge of CLK when CENA is
LOW.
CFB11-0 — Coefficient B Input
CFB11-0 is used to load data into the
Filter B coefficient banks (banks 8
through 15) and the configuration/
control registers. Data present on
CFB11-0 is latched into the Filter B LF
InterfaceTM on the rising edge of CLK
when LDB is LOW (see the LF
InterfaceTM section for a full discussion).
CAB7-0 — Coefficient Address B
CAB7-0 determines which row of data in
coefficient banks 8 through 15 is fed to the
multipliers. CAB7-0 is latched into
CoefficientAddressRegisterBonthe
risingedgeofCLKwhenCENBisLOW.
Outputs
DOUT15-0 — Data Output
DOUT15-0 is the 16-bit registered data
output port for the overall filter (Single
Filter Mode) or Filter A (Dual Filter
Mode).
COUT11-0 — Cascade Output
In Single Filter Mode, COUT11-0 is a
12-bit registered cascade output port.
COUT11-0 should be connected to
DIN11-0 of another LF3320. In Dual
Filter Mode, COUT11-0 is a 12-bit
registeredoutputportforthelower
twelve bits of the 16-bit Filter B output.
FIGURE 2.
INPUT FORMATS
11 10 9
2
1
0
–2
11
(Sign)
2
10
2
9
2
2
2
1
2
0
11 10 9
2
1
0
–2
0
(Sign)
2
–1 2–2
2
–9 2–10 2–11
Input Data
Coefficient Data
TABLE 1.
OUTPUT FORMATS
SLCT4-0
S15
S14
S13
· · ·
S8
S7
· · ·
S2
S1
S0
00000
F15
F14
F13
· · ·
F8
F7
· · ·
F2
F1
F0
00001
F16
F15
F14
· · ·
F9
F8
· · ·
F3
F2
F1
00010
F17
F16
F15
· · ·
F10
F9
· · ·
F4
F3
F2
·
·
··
··
··
·
·
·
··
··
··
·
·
·
··
··
··
·
01110
F29
F28
F27
· · ·
F22
F21
· · ·
F16
F15
F14
01111
F30
F29
F28
· · ·
F23
F22
· · ·
F17
F16
F15
10000
F31
F30
F29
· · ·
F24
F23
· · ·
F18
F17
F16
FIGURE 3.
ACCUMULATOR OUTPUT FORMATS
31 30 29
2
1
0
–2
20
(Sign)
2
19 218
2
–9 2–10 2–11
31 30 29
2
1
0
–2
20
(Sign)
2
19 218
2
–9 2–10 2–11
Accumulator A Output
Accumulator B Output


Similar Part No. - LF3320QC12

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
More results

Similar Description - LF3320QC12

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9P111 ONSEMI-MT9P111 Datasheet
1Mb / 67P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com