Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF3338QC12 Datasheet(PDF) 8 Page - LOGIC Devices Incorporated

Part # LF3338QC12
Description  8-Bit Vertical Digital Image Filter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3338QC12 Datasheet(HTML) 8 Page - LOGIC Devices Incorporated

Back Button LF3338QC12 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 11Page - LOGIC Devices Incorporated LF3338QC12 Datasheet HTML 12Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DEVICES INCORPORATED
LF3338
8-Bit Vertical Digital Image Filter
8
Video Imaging Products
04/06/1999–LDS.3338-B
ADDR1
DATA1
LIMIT REGISTER
CLK
W1
W1: Limit Register loaded with new data on this rising clock edge.
DATA2
DATA3
DATA4
LD
CF11-0
PAUSE
limit is stored in bits 31-16. RSL3-0
determines which limit register is
used for limiting when limiting is
enabled. Configuration and control
register loading is discussed in the
LF InterfaceTM section.
TABLE 10.
COEFFICIENT BANK LOADING FORMAT
CF11
CF10
CF9
CF8
CF7
CF6
CF5
CF4
CF3
CF2
CF1
CF0
1st Word - Address
0
0
0000001010
2nd Word - Bank 0
0
0
1000010000
3rd Word - Bank 1
0
1
0101000011
4th Word - Bank 2
1
1
0001110110
5th Word - Bank 3
1
0
0111100011
6th Word - Bank 4
0
1
1100000001
7th Word - Bank 5
1
0
0000110010
8th Word - Bank 6
1
1
1100100000
9th Word - Bank 7
0
0
0101000011
FIGURE 11. LIMIT REGISTER LOADING SEQUENCE WITH PAUSE IMPLEMENTATION
LF InterfaceTM
The LF InterfaceTM is used to load
data into the coefficient banks and
configuration/control registers. LD
is used to enable and disable the
LF InterfaceTM. When LD goes LOW,
the LF InterfaceTM is enabled for data
input. The first value fed into the
interface on CF11-0 is an address
which determines what the interface
is going to load. The three most
ADDR1
DATA1
ROUND REGISTER
CLK
LD
CF11-0
W1
W1: Round Register loaded with new data on this rising clock edge.
PAUSE
DATA2
DATA3
DATA4
FIGURE 10. ROUND REGISTER LOADING SEQUENCE WITH PAUSE IMPLEMENTATION


Similar Part No. - LF3338QC12

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3330QC12 LODEV-LF3330QC12 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3330QC15 LODEV-LF3330QC15 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
More results

Similar Description - LF3338QC12

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
   Horizontal / Vertical Digital Image Filter
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
   8 x 8-bit Digital Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
logo
ON Semiconductor
AR0835HS ONSEMI-AR0835HS Datasheet
1Mb / 70P
   8 Mp CMOS Digital Image Sensor
Rev. D Pub. 5/15 EN
AR0833 ONSEMI-AR0833 Datasheet
1Mb / 64P
   8 Mp CMOS Digital Image Sensor
Rev. H Pub. 4/15 EN
logo
LOGIC Devices Incorpora...
LF2246 LODEV-LF2246 Datasheet
248Kb / 7P
   11 x 10-bit Image Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com