Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V42MLA1206 Datasheet(PDF) 10 Page - Littelfuse

Part # V42MLA1206
Description  Multilayer Transient Voltage Surge Suppressors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V42MLA1206 Datasheet(HTML) 10 Page - Littelfuse

Back Button V42MLA1206 Datasheet HTML 3Page - Littelfuse V42MLA1206 Datasheet HTML 4Page - Littelfuse V42MLA1206 Datasheet HTML 5Page - Littelfuse V42MLA1206 Datasheet HTML 6Page - Littelfuse V42MLA1206 Datasheet HTML 7Page - Littelfuse V42MLA1206 Datasheet HTML 8Page - Littelfuse V42MLA1206 Datasheet HTML 9Page - Littelfuse V42MLA1206 Datasheet HTML 10Page - Littelfuse V42MLA1206 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering Information
VXXML TYPES
E
L
W
D
Mechanical Dimensions
V
18
1206
PACKING OPTIONS
T: 13in (330mm) Diameter Reel
H: 7in (178mm) Diameter Reel (Note)
A: Bulk Pack
DEVICE SIZE:
i.e 120 mil x 60 mil
DEVICE FAMILY
Littelfuse TVSS Device
X
MAXIMUM DC
WORKING VOLTAGE
MLA
X
X
CAPACITANCE OPTION
No Letter: Standard
L: Low Capacitance Version
END TERMINATION OPTION
No Letter: Ag/Pt (Standard)
W: Ag/Pd
MULTILAYER SERIES
DESIGNATOR
(3MM X 1.5MM)
N: Nickel Barrier (0402 -1210). For 0402 package size,
Nickel Barrier termination is subject to availibility.
Please contact a Littelfuse sales representative.
DIMENSION
CHIP SIZE
1210
1206
0805
0603
IN
MM
IN
MM
IN
MM
IN
MM
D Max.
0.113
2.87
0.071
1.80
0.043
1.10
0.035
0.90
E
0.02
±0.01
0.50
±0.25
0.02
±0.01
0.50
±0.25
0.01 to 0.029
0.50 to 0.25
0.015
±0.008
0.4
±0.2
L
0.125
±0.012
3.20
±0.30
0.125
±0.012
3.20
±0.30
0.079
±0.008
2.01
±0.20
0.063
±0.006
1.6
±0.15
W
0.10
±0.012
2.54
±0.30
0.06
±0.011
1.60
±0.28
0.049
±0.008
1.25
±0.20
0.032
±0.06
0.8
±0.15
0402
IN
MM
0.024
0.61
0.010
±0.006
0.25
±0.15
0.039
±0.004
1.0
±0.1
0.020
±0.004
0.5
±0.1
Standard Shipping Quantities
DEVICE SIZE
“13” INCH REEL (“T”OPTION)
“7”INCH REEL (“H”OPTION)
BULK PACK (“A”OPTION)
1210
8,000
2,500
2500
1206
10,000
2,500
2500
0805
10,000
2,500
2500
0603
10,000
2,500
2500
0402
N/A
10,000
N/A
ML Varistor Series
Surface Mount Varistors
Multilayer Transient Voltage Surge Suppressors
149
www .littelfuse .com
3
Next
Previous


Similar Part No. - V42MLA1206

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V42MLA1206H LITTELFUSE-V42MLA1206H Datasheet
380Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V42MLA1206N LITTELFUSE-V42MLA1206N Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V42MLA1206N LITTELFUSE-V42MLA1206N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V42MLA1206N LITTELFUSE-V42MLA1206N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V42MLA1206N LITTELFUSE-V42MLA1206N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V42MLA1206

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
AVX Corporation
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com