Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ952-1CM-12DE Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ952-1CM-12DE
Description  SUBMINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ952-1CM-12DE Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ952-1CM-12DE Datasheet HTML 1Page - ZETTLER Electronics AZ952-1CM-12DE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 3 A 120 VAC Res.
Operate Time (typical)
5 ms at nominal coil voltage
Release Time (typical)
1 ms at nominal coil voltage
(with no coil suppressions)
Dielectric Strength
1250 Vrms coil to contact
(at sea level for 1 min.) 750 Vrms between open contacts
Insulation Resistance
100 megohms min. at 20°C, 500 VDC
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
Standard: -25°C (-13°F) to 55°C (131°F)
Sensitive: -25°C (-13°F) to 75°C (167°F)
Vibration
0.062" (1.5 mm) DA at 10–55Hz
Shock
15 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
3.5 grams
Packing unit in pcs
AZ951
25 per plastic tube / 2000 per carton box
AZ952
25 per plastic tube / 2000 per carton box
CONTACTS
Arrangement
SPDT (1 Form C)
Ratings
Resistive load:
Light Duty
Max. switched power: 30 W or 125 VA
Max. switched current: 1 A
Max. switched voltage: 150 VDC or 300 VAC
UL Rating: 1 A at 30 VDC
1 A at125 VAC
Medium Duty
Max. switched power: 90 W or 375 VA
Max. switched current: 3 A
Max. switched voltage: 150 VDC or 300 VAC
UL Rating: 3 A at 30 VDC
3 A at 125 VAC
Heavy Duty
Max. switched power: 150 W or 625 VA
Max. switched current: 5 A
Max. switched voltage: 150 VDC or 300 VAC
UL Rating: 5 A at 30VDC
5 A at 125 VAC
Material
Light and Medium Duty: Silver, gold plated
Heavy Duty: Silver nickel, gold plated
Resistance
< 100 milliohms initially
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-06-26
AZ951/AZ952
SUBMINIATURE
POWER RELAY
FEATURES
• Subminiature size for high density packaging
• Coil sensitivity to 116 mW
• Extremely low cost
• Coils to 24 VDC
• Epoxy sealed for automatic wave soldering
• 1 Amp, 3 Amp & 5 Amp contacts
• Life expectancy to 10 million operations
• UL, CUR file E43203
COIL
Power
At Pickup Voltage
Standard Coil: 253 mW
(typical)
Sensitive coil: 116 mW
Max Continuous
0.8 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
At nominal coil voltage:
Standard: 54°C (97°F)
Sensitive: 30°C (54°F)
Max. Temperature
105°C (221°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Other coil resistances and sensitivities available upon request.
4. Specifications subject to change without notice.


Similar Part No. - AZ952-1CM-12DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ952-1CM-12DE ETC-AZ952-1CM-12DE Datasheet
99Kb / 3P
   SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ952-1CM-12DE AZETTLER-AZ952-1CM-12DE Datasheet
128Kb / 3P
   SUBMINIATURE POWER RELAY
More results

Similar Description - AZ952-1CM-12DE

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
85Kb / 4P
   SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
88Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ951 ETC-AZ951 Datasheet
99Kb / 3P
   SUBMINIATURE POWER RELAY
HF8 ETC1-HF8 Datasheet
98Kb / 2P
   SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ951 AZETTLER-AZ951 Datasheet
128Kb / 3P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ954 ETC-AZ954 Datasheet
51Kb / 2P
   SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ954 ZETTLER-AZ954 Datasheet
47Kb / 2P
   SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF41FI HONGFA-HF41FI Datasheet
179Kb / 6P
   SUBMINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com