Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD5052W Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTD5052W
Description  Photo Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTD5052W Datasheet(HTML) 1 Page - Marktech Corporate

  MTD5052W_15 Datasheet HTML 1Page - Marktech Corporate MTD5052W_15 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
-20 ~ +85
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Lead Soldering Temperature
Tls
260
ºC
*1: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Sensitivity Wavelength: 525nm
Visible Photo Diode enhanced for the Blue/Green Spectrum
FEATURES
> Hermetically Sealed TO-18
> Gold Plated Flat Top Can
> High Reliability
> Wide Angular Response
APPLICATIONS
> Optical Analytics
> Optical Switches
> Light Barriers
> Currency Validation
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Light Current
IL
*1
2.5
4.0
--
µA
Dark Current
ID
VR=5V
--
5
30
pA
Spectral Sensitivity
λ
--
--
410--580
--
nm
Peak Sensitivity Wavelength
λp
--
--
525
--
nm
Responsivity
S
*2
--
0.3
--
A/W
Angular Response
Ө
--
--
±55
--
deg
Photo Diode
Product No:
MTD5052W
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2011-07-20
*1: VR=5V,
λ=525nm, Ee=1mW/cm2, *2: VR=0V, λ=525nm.


Similar Part No. - MTD5052W_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD5052W MARKTECH-MTD5052W Datasheet
592Kb / 2P
   Peak Sensitivity Wavelength: 525nm
MTD5052W MARKTECH-MTD5052W Datasheet
592Kb / 2P
   Photo Diode
More results

Similar Description - MTD5052W_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD7030 MARKTECH-MTD7030 Datasheet
67Kb / 2P
   PHOTO DIODE
logo
KODENSHI_AUK CORP.
SPI5842 KODENSHI-SPI5842 Datasheet
150Kb / 4P
   Photo Diode
logo
Marktech Corporate
MTD6100PT MARKTECH-MTD6100PT_15 Datasheet
561Kb / 3P
   Photo Diode
logo
Roithner LaserTechnik G...
EPD-365-0-1.4 ROITHNER-EPD-365-0-1.4 Datasheet
212Kb / 2P
   Photo diode
logo
Marktech Corporate
MTD1114M3B MARKTECH-MTD1114M3B_15 Datasheet
551Kb / 3P
   Photo Diode
MTD5010N MARKTECH-MTD5010N_15 Datasheet
640Kb / 3P
   Photo Diode
MTD3010PM MARKTECH-MTD3010PM_2 Datasheet
151Kb / 1P
   Photo Diode
logo
Renesas Technology Corp
NDL5461P RENESAS-NDL5461P Datasheet
193Kb / 10P
   PHOTO DIODE
1994
NDL5481P RENESAS-NDL5481P Datasheet
195Kb / 10P
   PHOTO DIODE
1994
NDL5506P RENESAS-NDL5506P Datasheet
185Kb / 1P
   PHOTO DIODE
1993
NDL5531P RENESAS-NDL5531P Datasheet
203Kb / 10P
   PHOTO DIODE
1996
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com