Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD106B Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NTD106B
Description  Thyristor-Diode Module, 106 Amps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NTD106B Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NTD106B Datasheet HTML 1Page - Naina Semiconductor ltd. NTD106B Datasheet HTML 2Page - Naina Semiconductor ltd. NTD106B Datasheet HTML 3Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Naina Semiconductor Ltd.
NTD106B
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Thyristor-Diode Module, 106 Amps
Features
Improved glass passivation for high reliability
Exceptional stability at high temperatures
High di/dt and dv/dt capabilities
Low thermal resistance
Voltage Ratings (TA = 25oC, unless otherwise noted)
Type
number
Voltage
Code
VRRM, Maximum
repetitive peak
reverse voltage
(V)
VRSM, Maximum non-
repetitive peak reverse
voltage
(V)
VDRM, Maximum
repetitive peak off-
state voltage
(V)
IRRM, Maximum
reverse leakage
current @ TJMAX
(mA)
60
600
700
600
80
800
900
800
100
1000
1100
1000
NTD106B
120
1200
1300
1200
10
140
1400
1500
1400
160
1600
1700
1600
180
1800
1900
1800
Electrical Characteristics (TA = 25
0C unless otherwise noted)
Parameter
Symbol
Values
Units
Maximum average forward current @ TJ = 850C
IT(AV)
106
A
Maximum average RMS forward current
IT(RMS)
166
A
Maximum non-repetitive surge current
ITSM
2250
A
Maximum I2t for fusing
I2t
25300
A2s
Forward voltage drop
VTM
1.3
V
Critical rate of rise of on-state current
di/dt
150
A/µs
Critical rate of rise of off-state voltage
dv/dt
1000
V/µs
Gate current required to trigger
IGT
150
mA
Gate voltage required to trigger
VGT
3
V
Maximum holding current
IH
150
mA
Maximum latching current
IL
300
mA
Isolation voltage
VISO
3000
V
Thermal & Mechanical Specifications (TA = 25
0C unless otherwise noted)
Parameter
Symbol
Values
Units
Operating junction temperature range
TJ
-40 to +125
0C
Storage temperature
Tstg
-40 to +125
0C
Thermal resistance, junction to case
Rth(JC)
0.28
0C/W
Mounting torque
to heatsink
F
4 ± 15%
Nm
to terminals
3 ± 15%
Weight
W
100
g


Similar Part No. - NTD106B

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NTD106 NAINA-NTD106 Datasheet
219Kb / 3P
   Thyristor-Diode Module, 106 Amps
More results

Similar Description - NTD106B

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NTD106 NAINA-NTD106 Datasheet
219Kb / 3P
   Thyristor-Diode Module, 106 Amps
NTT106 NAINA-NTT106 Datasheet
207Kb / 2P
   Thyristor-Thyristor Module, 106 Amps
NTT106B NAINA-NTT106B Datasheet
163Kb / 2P
   Thyristor-Thyristor Module, 106 Amps
NTD172C NAINA-NTD172C Datasheet
201Kb / 3P
   Thyristor-Diode Module, 175 Amps
NTD250 NAINA-NTD250 Datasheet
211Kb / 3P
   Thyristor-Diode Module, 250 Amps
NTD122C NAINA-NTD122C Datasheet
201Kb / 3P
   Thyristor-Diode Module, 130 Amps
NTD162C NAINA-NTD162C Datasheet
201Kb / 3P
   Thyristor-Diode Module, 156 Amps
NTD27A NAINA-NTD27A Datasheet
171Kb / 3P
   Thyristor-Diode Module, 25 Amps
NTD570 NAINA-NTD570 Datasheet
191Kb / 3P
   Thyristor-Diode Module, 570 Amps
NTD72 NAINA-NTD72 Datasheet
219Kb / 3P
   Thyristor-Diode Module, 70 Amps
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com