Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD6000PTT Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTD6000PTT
Description  Photo Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTD6000PTT Datasheet(HTML) 1 Page - Marktech Corporate

  MTD6000PTT_15 Datasheet HTML 1Page - Marktech Corporate MTD6000PTT_15 Datasheet HTML 2Page - Marktech Corporate MTD6000PTT_15 Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
Vceo
30
V
Emitter-Collector Voltage
Veco
5
V
Collector Current
Ic
20
mA
Collector Power Dissipation
Pc
100
mW
Operating Temperature Range
Topr
-25 ~ +100
ºC
Storage Temperature Range
Tstg
-30 ~ +125
ºC
Junction Temperature
Tj
125
ºC
Lead Soldering Temperature*1
Tls
260
ºC
*1: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Sensitivity Wavelength: 880nm
The MTD6000PT-T is a photo transistor in a hermetically sealed pigtail package. It is well suited for high
reliability and high sensitivity applications.
FEATURES
> High Reliability in Demanding Environments
> Narrow Angular Response
> Metal Can Package
> Compact
APPLICATIONS
> Optical Switches
> Optical Sensors
> Fiber Optical Communications
> Optical Detectors
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Collector Emitter Current
Icel
Vce=20V, Ee=0.5mW/cm2 *1 --
0.7
--
mA
Collector Dark Current
Iceo
Vce=20V, Ee=0mW/cm2 *1
--
--
100
nA
C-E Saturation Voltage
VCE(sat)
Ic=0.2mA, Ee=5mW/cm2 *1
--
0.2
--
V
Spectral Sensitivity
λ
--
--
400~1100
--
nm
Peak Sensitivity Wavelength
λp
--
--
880
--
nm
Switching Time (Rise Time)
Tr
RL=100Ω,
Vcc=5V, Ic=0.5mA --
7.0
--
µS
Switching Time (Fall Time)
Tf
RL=100Ω,
Vcc=5V, Ic=0.5mA --
5.0
--
µS
Angular Response
Ө
--
--
±10
--
deg
Photo Transistor
Product No:
MTD6000PT-T
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2011-07-19
*1: Color Temperature=2870OK Stardard Tungsten Lamp.


Similar Part No. - MTD6000PTT_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD6000PTT MARKTECH-MTD6000PTT Datasheet
588Kb / 3P
   Peak Sensitivity Wavelength: 880nm
MTD6000PTT MARKTECH-MTD6000PTT Datasheet
588Kb / 3P
   Photo Transistor
More results

Similar Description - MTD6000PTT_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
ST3311 AUK-ST3311 Datasheet
56Kb / 3P
   Photo Transistor
logo
NEC
PH108A NEC-PH108A Datasheet
62Kb / 2P
   PHOTO TRANSISTOR
logo
Marktech Corporate
MTD8000NW MARKTECH-MTD8000NW Datasheet
56Kb / 2P
   Photo Transistor
MTD8060P MARKTECH-MTD8060P Datasheet
104Kb / 2P
   Photo Transistor
logo
Toshiba Semiconductor
TPS618 TOSHIBA-TPS618 Datasheet
196Kb / 4P
   PHOTO-TRANSISTOR
logo
Marktech Corporate
PT086N4 MARKTECH-PT086N4 Datasheet
254Kb / 1P
   Photo Transistor
MTD8060W MARKTECH-MTD8060W_2 Datasheet
175Kb / 2P
   Photo Transistor
MTD6000PT MARKTECH-MTD6000PT Datasheet
183Kb / 2P
   Photo Transistor
MTD6010A MARKTECH-MTD6010A Datasheet
82Kb / 2P
   PHOTO TRANSISTOR
MTD6160 MARKTECH-MTD6160 Datasheet
103Kb / 3P
   PHOTO TRANSISTOR?
MTD8000M3B-T MARKTECH-MTD8000M3B-T_15 Datasheet
570Kb / 3P
   Photo Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com