Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE280F11-UV Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE280F11-UV
Description  Ultraviolet Emitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE280F11-UV Datasheet(HTML) 1 Page - Marktech Corporate

  MTE280F11-UV_15 Datasheet HTML 1Page - Marktech Corporate MTE280F11-UV_15 Datasheet HTML 2Page - Marktech Corporate MTE280F11-UV_15 Datasheet HTML 3Page - Marktech Corporate MTE280F11-UV_15 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current
IF
40
mA
Operating Temperature
Topr
-30 ~ +80
ºC
Storage Temperature
Tstg
-40 ~ +100
ºC
Soldering Temperature*1
Tsol
300
ºC
Ultraviolet Emitter
Product No:
MTE280F11-UV
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN.
TYP
MAX.
UNIT
Peak Wavelength
λp
IF=20mA
275
280
285
nm
Power Output
PO
IF=20mA
--
1.2
--
mW
Spectral Line Half Width
λ
IF=20mA
--
10
--
nm
Forward Voltage
VF
IF=20mA
--
7
--
V
Viewing Angle
1/2
IF=20mA
--
113
--
deg
Rise Time*1
Tr
--
--
--
--
ns
Fall Time*1
Tf
--
--
--
--
ns
2014-02-01
Peak Emission Wavelength: 280nm
The MTE280F11-UV UV emitter is a specifically designed for applications requiring high radiant power output
and accuracy in a TO-18 hermetically sealed package with a special UV glass lens for optimum life time and
device performance. Custom package solutions and sorting are available.
FEATURES
> Hermetically Sealed TO-18
> High Reliability
> Wide Viewing Angle
APPLICATIONS
> UV Curing / Light Therapy / Drug Discovery
> Air and Water Disinfection / Optical Sensor
> DNA / Protein Analysis
*1: Test Condition: Frequency=100KHz, duty=1%, Ifp=200mA
*1: Within 5 seconds.


Similar Part No. - MTE280F11-UV_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE280F11-UV MARKTECH-MTE280F11-UV Datasheet
918Kb / 4P
   Ultraviolet Emitter
More results

Similar Description - MTE280F11-UV_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE-H33 MARKTECH-MTE-H33_15 Datasheet
1Mb / 4P
   Ultraviolet Emitter
MTE3650L-UV-HP MARKTECH-MTE3650L-UV-HP Datasheet
807Kb / 3P
   Ultraviolet Emitter
MTE280H33-UV MARKTECH-MTE280H33-UV Datasheet
936Kb / 4P
   Ultraviolet Emitter
MTE-F13 MARKTECH-MTE-F13 Datasheet
1Mb / 4P
   Ultraviolet Emitter
MTE-F13 MARKTECH-MTE-F13_15 Datasheet
1Mb / 4P
   Ultraviolet Emitter
MTE-H32 MARKTECH-MTE-H32_15 Datasheet
1Mb / 4P
   Ultraviolet Emitter
MTE-H41 MARKTECH-MTE-H41_15 Datasheet
1Mb / 4P
   Ultraviolet Emitter
MTE280F11-UV MARKTECH-MTE280F11-UV Datasheet
918Kb / 4P
   Ultraviolet Emitter
MTE280H41-UV MARKTECH-MTE280H41-UV_15 Datasheet
956Kb / 4P
   Ultraviolet Emitter
MTE280H41-UV MARKTECH-MTE280H41-UV Datasheet
956Kb / 4P
   Ultraviolet Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com