Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMU112 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # LMU112
Description  12 x 12-bit Parallel Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LMU112 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  LMU112 Datasheet HTML 1Page - LOGIC Devices Incorporated LMU112 Datasheet HTML 2Page - LOGIC Devices Incorporated LMU112 Datasheet HTML 3Page - LOGIC Devices Incorporated LMU112 Datasheet HTML 4Page - LOGIC Devices Incorporated LMU112 Datasheet HTML 5Page - LOGIC Devices Incorporated LMU112 Datasheet HTML 6Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DEVICES INCORPORATED
LMU112
12 x 12-bit Parallel Multiplier
Multipliers
08/16/2000–LDS.112-K
4
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
123456789012
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
1234567890123456789012345678901212
LMU112–
60*
50
25
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tMC
Clocked Multiply Time
60
50
25
tPW
Clock Pulse Width
15
15
10
tS
Input Register Setup Time
15
15
10
tH
Input Register Hold Time
3
3
1
tD
Output Delay
25
25
20
tENA
Three-State Output Enable Delay (Note 11)
25
25
20
tDIS
Three-State Output Disable Delay (Note 11)
25
25
20
COMMERCIAL OPERATING RANGE (0°C to +70°C) Notes 9, 10 (ns)
SWITCHING WAVEFORMS
LMU112–
65*
55*
30*
Symbol
Parameter
Min
Max
Min
Max
Min
Max
tMC
Clocked Multiply Time
65
55
30
tPW
Clock Pulse Width
20
20
12
tS
Input Register Setup Time
15
15
12
tH
Input Register Hold Time
3
3
3
tD
Output Delay
30
30
25
tENA
Three-State Output Enable Delay (Note 11)
30
30
25
tDIS
Three-State Output Disable Delay (Note 11)
30
30
25
MILITARY OPERATING RANGE (–55°C to +125°C) Notes 9, 10 (ns)
SWITCHING CHARACTERISTICS
HIGH IMPEDANCE
INPUT
tENA
tDIS
tD
tMC
tPW
tH
tS
CLK A
CLK B
OE
R23-8
tPW
123456789012345678901234
123456789012345678901234
123456789012345678901234
123456789012345678901234
*DISCONTINUED SPEED GRADE


Similar Part No. - LMU112

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LMU1117 KEXIN-LMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - LMU112

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
   12 x 10-bit Matrix Multiplier
logo
Fairchild Semiconductor
TMC2250A FAIRCHILD-TMC2250A Datasheet
186Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
Cadeka Microcircuits LL...
TMC2250A CADEKA-TMC2250A Datasheet
295Kb / 23P
   Matrix Multiplier 12 x 10 bit, 50 MHz
logo
LOGIC Devices Incorpora...
LMS12 LODEV-LMS12 Datasheet
195Kb / 9P
   12-bit Cascadable Multiplier-Summer
LMU08 LODEV-LMU08 Datasheet
176Kb / 7P
   8 x 8-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
   16 x 16-bit Parallel multiplier
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
   16 x 16-bit Parallel Multiplier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com