Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ954Y-1C-9DM Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ954Y-1C-9DM
Description  SUBMINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ954Y-1C-9DM Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ954Y-1C-9DM Datasheet HTML 1Page - ZETTLER Electronics AZ954Y-1C-9DM Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LIGHT DUTY RELAYS 0.2 W COIL
COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER*
VDC
VDC
±10%
VDC
3
6.0
45
2.25
AZ954X–1C–3DS
AZ954Y–1C–3DS
5
9.8
120
3.75
AZ954X–1C–5DS
AZ954Y–1C–5DS
6
12.0
180
4.50
AZ954X–1C–6DS
AZ954Y–1C–6DS
9
17.8
400
6.75
AZ954X–1C–9DS
AZ954Y–1C–9DS
12
23.6
700
9.0
AZ954X–1C–12DS
AZ954Y–1C–12DS
24
47.3
2,800
18.0
AZ954X–1C–24DS
AZ954Y–1C–24DS
*Add suffix “E” for epoxy sealed version.
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-06-26
AZ954
RELAY ORDERING DATA
MEDIUM DUTY RELAYS 0.45 W COIL
COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER*
VDC
VDC
±10%
VDC
3
4.0
20
2.25
AZ954X–1C–3D
AZ954Y–1C–3D
5
6.7
56
3.75
AZ954X–1C–5D
AZ954Y–1C–5D
6
8.0
80
4.50
AZ954X–1C–6D
AZ954Y–1C–6D
9
12.0
180
6.75
AZ954X–1C–9D
AZ954Y–1C–9D
12
16.0
320
9.0
AZ954X–1C–12D
AZ954Y–1C–12D
24
32.0
1,280
18.0
AZ954X–1C–24D
AZ954Y–1C–24D
MEDIUM DUTY RELAYS 0.36 W COIL
COIL SPECIFICATIONS
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
ORDER NUMBER*
VDC
VDC
±10%
VDC
3
4.5
25
2.25
AZ954X–1C–3DM
AZ954Y–1C–3DM
5
7.5
70
3.75
AZ954X–1C–5DM
AZ954Y–1C–5DM
6
8.9
100
4.50
AZ954X–1C–6DM
AZ954Y–1C–6DM
9
13.4
225
6.75
AZ954X–1C–9DM
AZ954Y–1C–9DM
12
17.8
400
9.0
AZ954X–1C–12DM
AZ954Y–1C–12DM
24
35.7
1,600
18.0
AZ954X–1C–24DM
AZ954Y–1C–24DM
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
[1.52]
.060
[ø1.0]
5x ø.039±.005
AZ954X PC BOARD LAYOUT
[1.56]
[7.62]
.300
[11.81]
.465
[3.18]
.125
[15.75]
.620
.062
[10.16]
.400
[2.54]
.100
VIEWED TOWARD TERMINALS
AZ954X WIRING DIAGRAM
VIEWED TOWARD TERMINALS
AZ954Y WIRING DIAGRAM
VIEWED TOWARD TERMINALS
7
1
2
11
12
[2.54]
VIEWED TOWARD TERMINALS
2
11
6
7
[1.52]
.060
[ø1.0]
6x ø.039±.005
[7.62]
.300
[1.56]
AZ954Y PC BOARD LAYOUT
1
12
[2.54]
.100
.060
[1.52]
[7.62]
[10.75]
.300
.423
.062
[10.16]
.400
.100


Similar Part No. - AZ954Y-1C-9DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ954Y-1C-9DM ETC-AZ954Y-1C-9DM Datasheet
51Kb / 2P
   SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ954Y-1C-9DM AZETTLER-AZ954Y-1C-9DM Datasheet
84Kb / 2P
   SUBMINIATURE POWER RELAY
More results

Similar Description - AZ954Y-1C-9DM

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
85Kb / 4P
   SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
88Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ951 ETC-AZ951 Datasheet
99Kb / 3P
   SUBMINIATURE POWER RELAY
HF8 ETC1-HF8 Datasheet
98Kb / 2P
   SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ951 AZETTLER-AZ951 Datasheet
128Kb / 3P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ954 ETC-AZ954 Datasheet
51Kb / 2P
   SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF41FI HONGFA-HF41FI Datasheet
179Kb / 6P
   SUBMINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com