Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1705A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1705A
Description  SAW Filter 454 MHz 32MHz BW SMD 3.8X3.8mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1705A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1705A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1705A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail:
tstsales@mail.taisaw.com
Web:
www.taisaw.com
SAW Filter 454 MHz 32MHz BW SMD 3.8×3.8mm
MODEL NO.:TA1705A
REV. NO.:1.0
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 5V
3. Operating Temperature: -30°C to +70°C
4. Storage Temperature: -40°C to +85°C
E
lectrostatic Sensitive Device (ESD)
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
454
-
3dB Bandwidth
MHz
-
33.5
-
Max Insertion loss
dB
-
2.0
3.3
Attenuation (reference from 0dB)
10 ~ 220
MHz
dB
35
54
-
220 ~
375
MHz
dB
30
47
-
375 ~
390
MHz
dB
25
45
-
390 ~
415
MHz
dB
15
40
-
500 ~
520
MHz
dB
15
37
-
520 ~
540
MHz
dB
25
45
-
540 ~ 650
MHz
dB
30
44
-
650 ~ 850
MHz
dB
27
40
-
850 ~ 1100
MHz
dB
25
34
-
Source impedance
ZS
-
50
-
Load impedance
ZL
-
50
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA1705A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1705A GOLLEDGE-TA1705A Datasheet
285Kb / 6P
   SAW Filter 454.0MHz
More results

Similar Description - TA1705A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1677A TAI-SAW-TA1677A Datasheet
387Kb / 7P
   SAW Filter 462 MHz 20MHz BW SMD 3.8x3.8mm
TA0259A TAI-SAW-TA0259A Datasheet
466Kb / 5P
   SAW Filter 1220 MHz SMD 3.8X3.8mm
logo
List of Unclassifed Man...
TA0194A ETC1-TA0194A Datasheet
273Kb / 5P
   SAW Filter 1220 MHz SMD 3.8X3.8mm
logo
TAI-SAW TECHNOLOGY CO.,...
TA2678A TAI-SAW-TA2678A Datasheet
414Kb / 6P
   SAW Filter 558MHz SMD 3.0횞3.0 mm (BW=32MHz)
TA2684A TAI-SAW-TA2684A Datasheet
400Kb / 6P
   SAW Filter 718MHz SMD 3.0횞3.0 mm (BW=32MHz)
TA2424A TAI-SAW-TA2424A Datasheet
428Kb / 7P
   SAW Filter 622MHz SMD 3.8횞3.8 mm (BW=32MHz)
TA2425A TAI-SAW-TA2425A Datasheet
424Kb / 7P
   SAW Filter 654MHz SMD 3.8횞3.8 mm (BW=32MHz)
TA0348A TAI-SAW-TA0348A Datasheet
561Kb / 6P
   IF SAW Filter 869.2625MHz(BW=1.25MHz) SMD 3.8x3.8mm
TA2421A TAI-SAW-TA2421A Datasheet
404Kb / 7P
   SAW Filter 558MHz SMD 3.0횞3.0 mm (BW=32MHz)
TA2426A TAI-SAW-TA2426A Datasheet
401Kb / 7P
   SAW Filter 686MHz SMD 3.0횞3.0 mm (BW=32MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com