Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1707A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1707A
Description  SAW Filter 1790.48 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1707A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1707A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1707A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1707A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1707A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1707A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1707A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1707A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1707A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: SAW Filter 1790.48 MHz SMD 3.0×3.0 mm (BW=46 MHz)
TST Part No.: TA1707A
Customer Part No.:
Checked by:
David Chang
Approved by:
Bob Chau
Date:
2014/01/13
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TA1707A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1701A TAI-SAW-TA1701A Datasheet
346Kb / 8P
   SAW Filter 897MHz 34.2MHz BW SMD 1.4X1.1 mm
logo
Golledge Electronics Lt...
TA1701A GOLLEDGE-TA1701A Datasheet
236Kb / 7P
   SAW Filter 897.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1703A TAI-SAW-TA1703A Datasheet
272Kb / 7P
   SAW Filter 1570 MHz
logo
Golledge Electronics Lt...
TA1703A GOLLEDGE-TA1703A Datasheet
171Kb / 6P
   SAW Filter 1570.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1704A TAI-SAW-TA1704A Datasheet
193Kb / 7P
   SAW Filter 2345MHz
More results

Similar Description - TA1707A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0728B TAI-SAW-TA0728B Datasheet
427Kb / 8P
   SAW Filter 1790.48 MHz
TA0728C TAI-SAW-TA0728C Datasheet
397Kb / 7P
   SAW Filter 1790.48 MHz
logo
RF Monolithics, Inc
SF2169E RFM-SF2169E Datasheet
524Kb / 6P
   1790.48 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2169E MURATA-SF2169E Datasheet
524Kb / 6P
   1790.48 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0728A TAI-SAW-TA0728A Datasheet
251Kb / 8P
   SAW Filter 1790.48 MHz SMD 3.0X3.0 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com