Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1727A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1727A
Description  SAW Filter 916.45 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1727A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1727A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1727A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1727A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1727A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1727A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1727A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1727A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1727A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 916.45 MHz
MODEL NO.: TA1727A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 20 dBm
2. DC voltage: 5 V
3. Operating Temperature: -30
C to +85C
4. Storage Temperature: -40
C to +85C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
916.45
-
Insertion loss
914.45 ~ 918.45 MHz
IL
dB
-
2.7
3.5
Amplitude ripple
914.45 ~ 918.45 MHz
dB
-
0.3
1.0
VSWR
914.45 ~ 918.45 MHz
-
-
1.5
2.0
Absolute Attenuation
D.C. ~ 600
MHz
dB
50
57
-
600 ~ 840
MHz
dB
40
51
-
869 ~
894
MHz
dB
35
46
-
930 ~
937
MHz
dB
8
13
-
970 ~ 1500
MHz
dB
40
47
-
1500 ~ 3000
MHz
dB
25
32
-
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
Note1. No matching network required for operation at 50
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA1727A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1727A GOLLEDGE-TA1727A Datasheet
226Kb / 8P
   SAW Filter 916.450MHz
logo
Transko Electronics, In...
TA1727AM TRANSKO-TA1727AM Datasheet
476Kb / 4P
   Wireless, RF SAW Filter
Revision 0: April 2012
More results

Similar Description - TA1727A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2201E RFM-SF2201E Datasheet
1,003Kb / 6P
   916.45 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2201E MURATA-SF2201E Datasheet
1,003Kb / 6P
   916.45 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0344B TAI-SAW-TA0344B Datasheet
389Kb / 7P
   SAW Filter 916.45 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com