Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ955-1C-12DE Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ955-1C-12DE
Description  SUBMINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ955-1C-12DE Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ955-1C-12DE Datasheet HTML 1Page - ZETTLER Electronics AZ955-1C-12DE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZETTLER electronics GmbH
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ955
RELAY ORDERING DATA
COIL SPECIFICATIONS: STANDARD COIL
Nominal
Must.
Max.
Coil
Coil
Operate
Continuous
Resistance
ORDER NUMBER
VDC
VDC
VDC
±10%
1.5
1.1
2.4
11.3
AZ955-1C-1.5DE
32.3
4.7
45.0
AZ955-1C-3DE
53.8
7.9
125
AZ955-1C-5DE
64.5
9.5
180
AZ955-1C-6DE
96.8
14.2
405
AZ955-1C-9DE
12
9.0
19.0
720
AZ955-1C-12DE
24
18.0
37.9
2880
AZ955-1C-24DE
COIL SPECIFICATIONS: SENSITIVE COIL
Nominal
Must.
Max.
Coil
Coil
Operate
Continuous
Resistance
ORDER NUMBER
VDC
VDC
VDC
±10%
1.5
1.1
2.7
15.0
AZ955-1C-1.5DSE
32.3
5.5
60.0
AZ955-1C-3DSE
53.8
9.1
167
AZ955-1C-5DSE
64.5
11.0
240
AZ955-1C-6DSE
96.8
16.4
540
AZ955-1C-9DSE
12
9.0
21.9
960
AZ955-1C-12DSE
24
18.0
43.8
3840
AZ955-1C-24DSE
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
[7.4]
.291
[5.1]
.200
TYP
[3.5]
.138
[12.0]
.472
[7.6]
.300
[ø0.4]
2xø.016
[2.5]
.100
[9.8]
.385
[0.5]
.020
[0.2]
4x.008
[0.5]
4x.020
12
5
10
9
6
[1.15]
.045
[0.84]
.033
[2.5]
.100
[5.1]
.200
[7.6]
.300
[ø0.8]
4xø.032
[ø0.6]
2xø.024
Discontinuation Notice
Discontinuation date:
31.12.2012
Date of last order:
30.06.2012
Recommended replacement:
AZ957
WIRING DIAGRAM
Viewed toward terminals
PC BOARD LAYOUT
Viewed toward terminals


Similar Part No. - AZ955-1C-12DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ955-1C-12DE ETC-AZ955-1C-12DE Datasheet
41Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ955-1C-12DE AZETTLER-AZ955-1C-12DE Datasheet
80Kb / 2P
   SUBMINIATURE PC BOARD RELAY
More results

Similar Description - AZ955-1C-12DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ957 ZETTLER-AZ957 Datasheet
54Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ9571 AZETTLER-AZ9571 Datasheet
103Kb / 2P
   SUBMINIATURE PC BOARD RELAY
AZ955 AZETTLER-AZ955 Datasheet
80Kb / 2P
   SUBMINIATURE PC BOARD RELAY
AZ957 AZETTLER-AZ957 Datasheet
108Kb / 2P
   SUBMINIATURE PC BOARD RELAY
AZ5 AZETTLER-AZ5 Datasheet
94Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ955 ETC-AZ955 Datasheet
41Kb / 2P
   SUBMINIATURE PC BOARD RELAY
AZ957 ETC-AZ957 Datasheet
48Kb / 2P
   SUBMINIATURE PC BOARD RELAY
logo
Nais(Matsushita Electri...
HA1-AC115 NAIS-HA1-AC115 Datasheet
60Kb / 3P
   COST SAVING SUBMINIATURE PC BOARD RELAYS
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com