Electronic Components Datasheet Search |
|
AZ955-1C-6DSE Datasheet(PDF) 1 Page - ZETTLER Electronics |
|
AZ955-1C-6DSE Datasheet(HTML) 1 Page - ZETTLER Electronics |
1 / 2 page NOTES 1. All values at 20°C (68°F). 2. Relay may pull in with less than “Must Operate” value. 3. Other coil resistances and sensitivities available upon request. 4. Specifications subject to change without notice. ZETTLER electronics GmbH office@ZETTLERelectronics.com 0 97 800 89 +49 Tel. Germany Puchheim, D-82178 Junkersstrasse 3, AZ955 COIL Power At Pickup Voltage Standard coil:113 mW (typical) Sensitive coil: 84 mW Max. Continuous .5 W at 20°C (68°F) ambient Dissipation Temperature Rise Standard: 33°C (59°F) at nominal coil voltage Sensitive: 25°C (45°F) at nominal coil voltage Temperature Max. 105°C (221°F) GENERAL DATA Life Expectancy Minimum operations Mechanical 10 million operations Electrical 1 x 105 at 0.5 A 120 VAC Res. Operate Time (typical) Standard: 3 ms at nominal coil voltage Sensitive: 5 ms at nominal coil voltage Release Time (typical) 1 ms at nominal coil voltage (with no coil suppression) Capacitance Coil to contact: 3.0 pF Contact to contact: 3.0 pF Bounce (typical) At 10 mA contact current 2 ms at operate 8 ms at release Dielectric Strength 1250 Vrms coil to contact (at sea level for 1 min.) 500 Vrms between open contacts Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric Insulation 100 megohms min. at 20°C, 500 VDC, Resistance 50% RH Dropout Greater than 10% of nominal coil voltage Ambient Temperature At nominal coil voltage Operating Standard: -40°C (-40°F) to 70°C (158°F) Sensitive: -40°C (-40°F) to 80°C (176°F) Storage Both: -25°C (-13°F) to 105°C (221°F) Vibration 0.039" (1.0 mm) DA at 10–55 Hz Shock 10 g Enclosure P.B.T. polyester Terminals Tinned copper alloy Max. Solder Temp. 270°C (518°F) Max. Solder Time 5 seconds Max. Immersion Time 30 seconds Weight 1.8 grams SUBMINIATURE PC BOARD RELAY FEATURES • Subminiature size for high density packaging • DIL pitch terminals • Epoxy sealed for automatic wave soldering • High sensitivity: 150 mW nominal with 84 mW pickup • Meets FCC Part 68.302 1500 V lightning surge • Meets FCC Part 68.304 1000 V dielectric • UL file E43203; CSA file LR 702514 CONTACTS Arrangement SPDT (1 Form C) Bifurcated crossbar contacts Ratings Resistive load: Light Duty Max. switched power: 30 W or 60 VA Max. switched current: 1 A Max. switched voltage: 60 VDC or 125 VAC UL Rating: 1 A at 30 VDC 0.3 A at 60 VDC 0.5 A at 125 VAC Material Silver nickel, gold clad Resistance < 100 milliohms initially Discontinuation Notice Discontinuation date: 31.12.2012 Date of last order: 30.06.2012 Recommended replacement: AZ957 |
Similar Part No. - AZ955-1C-6DSE |
|
Similar Description - AZ955-1C-6DSE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |