Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3680 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3680
Description  36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3680 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3680_15 Datasheet HTML 2Page - Linear Technology LT3680_15 Datasheet HTML 3Page - Linear Technology LT3680_15 Datasheet HTML 4Page - Linear Technology LT3680_15 Datasheet HTML 5Page - Linear Technology LT3680_15 Datasheet HTML 6Page - Linear Technology LT3680_15 Datasheet HTML 7Page - Linear Technology LT3680_15 Datasheet HTML 8Page - Linear Technology LT3680_15 Datasheet HTML 9Page - Linear Technology LT3680_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3680
6
3680fb
FB PIN ERROR VOLTAGE (mV)
–200
–50
–20
0
20
0
200
50
3680 G19
–40
–100
100
40
10
–10
30
–30
Error Amp Output Current
TEMPERATURE (°C)
1.50
2.00
2.50
3680 G22
1.00
0.50
0
CURRENT LIMIT CLAMP
SWITCHING THRESHOLD
–50
25
–25
0
50
75
100
150
125
LOAD CURRENT (mA)
1
3.0
3.5
10000
3680 G20
2.5
2.0
10
100
1000
5.0
4.5
4.0
VOUT = 3.3V
TA = 25°C
L = 4.7μH
f = 800kHz
1
10000
10
100
1000
LOAD CURRENT (mA)
5.0
5.5
3680 G21
4.5
4.0
6.5
6.0
VOUT = 5V
TA = 25 °C
L = 4.7μH
f = 800kHz
3680 G24
IL
0.2A/DIV
VSW
5V/DIV
VOUT
10mV/DIV
5μs/DIV
VIN = 12V
VOUT = 3.3V
ILOAD = 10mA
TEMPERATURE (°C)
85
90
95
3680 G23
80
75
–50
25
–25
0
50
75
100
150
125
3680 G25
IL
0.2A/DIV
VSW
5V/DIV
VOUT
10mV/DIV
VIN = 12V
VOUT = 3.3V
ILOAD = 110mA
1μs/DIV
3680 G26
IL
0.5A/DIV
VSW
5V/DIV
VOUT
10mV/DIV
VIN = 12V
VOUT = 3.3V
ILOAD = 1A
1μs/DIV
Minimum Input Voltage
Minimum Input Voltage
VC Voltages
Power Good Threshold
Switching Waveforms; Transition
from Burst Mode to Full Frequency
Switching Waveforms; Full
Frequency Continuous Operation
Switching Waveforms; Burst Mode
TA = 25°C unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LT3680_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3680EDD-PBF LINER-LT3680EDD-PBF Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3680EDD-TRPBF LINER-LT3680EDD-TRPBF Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3680EMSE-PBF LINER-LT3680EMSE-PBF Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3680EMSE-TRPBF LINER-LT3680EMSE-TRPBF Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3680IDD-PBF LINER-LT3680IDD-PBF Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
More results

Similar Description - LT3680_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT1913 LINER-LT1913 Datasheet
292Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com