Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3973 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3973
Description  42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3973 Datasheet(HTML) 4 Page - Linear Technology

  LT3973_15 Datasheet HTML 1Page - Linear Technology LT3973_15 Datasheet HTML 2Page - Linear Technology LT3973_15 Datasheet HTML 3Page - Linear Technology LT3973_15 Datasheet HTML 4Page - Linear Technology LT3973_15 Datasheet HTML 5Page - Linear Technology LT3973_15 Datasheet HTML 6Page - Linear Technology LT3973_15 Datasheet HTML 7Page - Linear Technology LT3973_15 Datasheet HTML 8Page - Linear Technology LT3973_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3973/LT3973-3.3/LT3973-5
4
3973fb
For more information www.linear.com/LT3973
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3973E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT3973I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT3973H is guaranteed over the full –40°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes. Operating lifetime is derated at junction
temperatures greater than 125°C. The junction temperature (TJ, in °C) is
calculated from the ambient temperature (TA in °C) and power dissipation
(PD, in Watts) according to the formula:
TJ = TA + (PD • θJA)
where θJA (in °C/W) is the package thermal impedance.
Note 3: This is the minimum input voltage for operation with accurate FB
reference voltage.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the switch.
Note 5: The LT3973 contains circuitry that extends the maximum duty
cycle if there is sufficient voltage across the boost capacitor. See the
Application Information section for more details.
Note 6: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed the maximum operating junction temperature
when overtemperature protection is active. Continuous operation above
the specified maximum operating junction temperature may impair device
reliability or permanently damage the device.
EN/UVLO Pin Current
VEN/UVLO = 12V
1
30
nA
EN/UVLO Voltage Threshold
EN/UVLO Falling, VIN ≥ 4.2V
l
1.09
1.16
1.23
V
EN/UVLO Voltage Threshold
EN/UVLO Rising, VIN ≥ 4.2V
l
1.12
1.19
1.28
V
EN/UVLO Voltage Hysteresis
30
45
mV
PG Threshold Offset from Feedback Voltage
VFB Rising
6.5
10
13.5
%
PG Hysteresis as % of Output Voltage
0.8
%
PG Leakage
VPG = 3V
0.01
1
µA
PG Sink Current
VPG = 0.4V
l
220
350
µA
Minimum Switch On-Time
70
ns
Minimum Switch Off-Time (Note 5)
VIN = 10V
130
180
ns
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBD = 3.3V unless otherwise noted. (Note 2)


Similar Part No. - LT3973_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3973-3.3 LINER-LT3973-3.3_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973-5 LINER-LT3973-5_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
More results

Similar Description - LT3973_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3973-5 LINER-LT3973-5_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973-3.3 LINER-LT3973-3.3_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com