Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3973-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3973-5
Description  42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3973-5 Datasheet(HTML) 1 Page - Linear Technology

  LT3973-5_15 Datasheet HTML 1Page - Linear Technology LT3973-5_15 Datasheet HTML 2Page - Linear Technology LT3973-5_15 Datasheet HTML 3Page - Linear Technology LT3973-5_15 Datasheet HTML 4Page - Linear Technology LT3973-5_15 Datasheet HTML 5Page - Linear Technology LT3973-5_15 Datasheet HTML 6Page - Linear Technology LT3973-5_15 Datasheet HTML 7Page - Linear Technology LT3973-5_15 Datasheet HTML 8Page - Linear Technology LT3973-5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3973/LT3973-3.3/LT3973-5
1
3973fb
For more information www.linear.com/LT3973
TYPICAL APPLICATION
DESCRIPTION
42V, 750mA Step-Down
Regulator with 2.5µA
Quiescent Current and
Integrated Diodes
The LT®3973 is an adjustable frequency monolithic buck
switchingregulatorthatacceptsawideinputvoltagerange
up to 42V, and consumes only 2.5µA of quiescent current.
A high efficiency switch is included on the die along with
the catch diode, boost diode, and the necessary oscillator,
controlandlogiccircuitry.LowrippleBurstModeoperation
maintainshighefficiencyatlowoutputcurrentswhilekeep-
ing the output ripple below 10mV in a typical application.
A minimum dropout voltage of 530mV is maintained when
theinputvoltagedropsbelowtheprogrammedoutputvolt-
age, such as during automotive cold crank. Current mode
topology is used for fast transient response and good loop
stability. A catch diode current limit provides protection
against shorted outputs and overvoltage conditions, with
thermalshutdownprovidingadditionalfaultprotection.An
accurate programmable undervoltage lockout feature is
available, producing a low shutdown current of 0.75µA.
A power good flag signals when VOUT reaches 90% of
the programmed output voltage. The LT3973 is available
in small, thermally enhanced 10-lead MSOP and 3mm ×
3mm DFN packages.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
5V Step-Down Converter
FEATURES
APPLICATIONS
n
Ultralow Quiescent Current
n
2.5µA IQ at 12VIN to 3.3VOUT
n
Low Ripple Burst Mode® Operation
n
Output Ripple < 10mVP-P
n
Wide Input Voltage Range: 4.2V to 42V Operating
n
Adjustable Switching Frequency: 200kHz to 2.2MHz
n
Integrated Boost and Catch Diodes
n
750mA Output Current
n
Excellent Start-Up and Dropout Performance
n
Fixed Output Voltages: 3.3V, 5V
n
1.9µA IQ at 12VIN
n
Accurate Programmable Undervoltage Lockout
n
Low Shutdown Current: IQ = 0.75µA
n
Internal Catch Diode Current Limit
n
Power Good Flag
n
Thermal Shutdown
n
Small, Thermally Enhanced 10-Lead MSOP and
(3mm × 3mm) DFN Packages
n
Automotive Battery Regulation
n
Power for Portable Products
n
Industrial Supplies
n
Gate Drive Bias
VIN
BOOST
LT3973
SW
EN/UVLO
PG
RT
C3
0.47µF
15pF
C2
22µF
C1
4.7µF
VIN
5.6V TO 42V
VOUT
5V
750mA
1M
316k
215k
f = 600kHz
L1
15µH
BD
OUT
FB
GND
OFF ON
3973 TA01a
Efficiency
LOAD CURRENT (mA)
0.01
40
80
70
60
50
90
100
0.1
1
3973 TA01b
10
0.01
10
100
1
0.1
1000
VIN = 12V


Similar Part No. - LT3973-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3973-3.3 LINER-LT3973-3.3_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
More results

Similar Description - LT3973-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3973-3.3 LINER-LT3973-3.3_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com