Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3973-5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3973-5
Description  42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3973-5 Datasheet(HTML) 3 Page - Linear Technology

  LT3973-5_15 Datasheet HTML 1Page - Linear Technology LT3973-5_15 Datasheet HTML 2Page - Linear Technology LT3973-5_15 Datasheet HTML 3Page - Linear Technology LT3973-5_15 Datasheet HTML 4Page - Linear Technology LT3973-5_15 Datasheet HTML 5Page - Linear Technology LT3973-5_15 Datasheet HTML 6Page - Linear Technology LT3973-5_15 Datasheet HTML 7Page - Linear Technology LT3973-5_15 Datasheet HTML 8Page - Linear Technology LT3973-5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3973/LT3973-3.3/LT3973-5
3
3973fb
For more information www.linear.com/LT3973
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VBD = 3.3V unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage (Note 3)
l
3.8
4.2
V
Quiescent Current from VIN
VEN/UVLO Low
VEN/UVLO High
VEN/UVLO High, –40°C to 125°C
VEN/UVLO High, –40°C to 150°C
l
l
0.75
1.8
1.3
2.8
6
12
µA
µA
µA
µA
LT3973 Feedback Voltage
l
1.195
1.185
1.21
1.21
1.225
1.235
V
V
LT3973-3.3 Output Voltage
l
3.26
3.234
3.3
3.3
3.34
3.366
V
V
LT3973-5 Output Voltage
l
4.94
4.9
5
5
5.06
5.1
V
V
LT3973 FB Pin Bias Current
VFB = 1.21V
l
0.1
20
nA
FB/Output Voltage Line Regulation
4.2V < VIN < 40V
0.0002
0.01
%/V
Switching Frequency
RT = 41.2k, VIN = 6V
RT = 158k, VIN = 6V
RT = 768k, VIN = 6V
1.72
632
156
2.15
790
195
2.58
948
234
MHz
kHz
kHz
Switch Current Limit
VIN = 5V, VFB = 0V
l
1.237
1.65
1.98
A
Catch Schottky Current Limit
VIN = 5V
l
0.92
1.15
1.44
A
Switch VCESAT
ISW = 500mA
250
mV
Switch Leakage Current
0.05
2
µA
Catch Schottky Forward Voltage
ISCH = 200mA, VIN = VBD = NC
550
mV
Catch Schottky Reverse Leakage
VSW = 12V
0.05
2
µA
Boost Schottky Forward Voltage
ISCH = 50mA, VIN = NC, VBOOST = 0V
820
mV
Boost Schottky Reverse Leakage
VREVERSE = 12V
0.02
2
µA
Minimum Boost Voltage (Note 4)
VIN = 5V
l
1.4
1.8
V
BOOST Pin Current
ISW = 500mA, VBOOST = 15V
10
13
mA
Dropout Comparator Threshold
(VIN - OUT) Falling, VIN = 5V
l
400
490
580
mV
Dropout Comparator Hysteresis
40
mV
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3973EDD-5#PBF
LT3973EDD-5#TRPBF
LGGF
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3973IDD-5#PBF
LT3973IDD-5#TRPBF
LGGF
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT3973HDD-5#PBF
LT3973HDD-5#TRPBF
LGGF
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping
container.Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION


Similar Part No. - LT3973-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3973-3.3 LINER-LT3973-3.3_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
More results

Similar Description - LT3973-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3973-3.3 LINER-LT3973-3.3_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973_15 Datasheet
472Kb / 24P
   42V, 750mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
   42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8611 LINER-LT8611_15 Datasheet
350Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com