Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3991-3.3 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3991-3.3
Description  55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3991-3.3 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3991-3.3_15 Datasheet HTML 7Page - Linear Technology LT3991-3.3_15 Datasheet HTML 8Page - Linear Technology LT3991-3.3_15 Datasheet HTML 9Page - Linear Technology LT3991-3.3_15 Datasheet HTML 10Page - Linear Technology LT3991-3.3_15 Datasheet HTML 11Page - Linear Technology LT3991-3.3_15 Datasheet HTML 12Page - Linear Technology LT3991-3.3_15 Datasheet HTML 13Page - Linear Technology LT3991-3.3_15 Datasheet HTML 14Page - Linear Technology LT3991-3.3_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3991/LT3991-3.3/LT3991-5
11
3991fa
applicaTions inForMaTion
Operating Frequency Tradeoffs
Selection of the operating frequency is a tradeoff between
efficiency,componentsize,minimumdropoutvoltage,and
maximum input voltage. The advantage of high frequency
operationisthatsmallerinductorandcapacitorvaluesmay
be used. The disadvantages are lower efficiency, lower
maximum input voltage, and higher dropout voltage. The
highest acceptable switching frequency (fSW(MAX)) for a
given application can be calculated as follows:
fSW(MAX) =
VOUT + VD
tON(MIN)(VIN − VSW + VD)
where VIN is the typical input voltage, VOUT is the output
voltage, VD is the catch diode drop (~0.5V), and VSW is
the internal switch drop (~0.5V at max load). This equation
shows that slower switching frequency is necessary to
safely accommodate high VIN/VOUT ratio. Also, as shown
in the Input Voltage Range section, lower frequency allows
a lower dropout voltage. The input voltage range depends
ontheswitchingfrequencybecausetheLT3991switchhas
finite minimum on and off times. The minimum switch on
and off times are strong functions of temperature. Use
the typical minimum on and off curves to design for an
application’s maximum temperature, while adding about
30%forpart-to-partvariation.Theminimumandmaximum
duty cycles that can be achieved taking minimum on and
off times into account are:
DCMIN = fSWtON(MIN)
DCMAX = 1− fSWtOFF(MIN)
where fSW is the switching frequency, the tON(MIN) is the
minimumswitchon-time,andthetOFF(MIN)istheminimum
switch off-time. These equations show that duty cycle
range increases when switching frequency is decreased.
See the Electrical Characteristics section for tON(MIN) and
tOFF(MIN) values.
A good choice of switching frequency should allow ad-
equate input voltage range (see Input Voltage Range sec-
tion) and keep the inductor and capacitor values small.
Input Voltage Range
The minimum input voltage is determined by either the
LT3991’s minimum operating voltage of 4.3V or by its
maximumdutycycle(seeequationinOperatingFrequency
Tradeoffs section). The minimum input voltage due to
duty cycle is:
VIN(MIN) =
VOUT + VD
1− fSWtOFF(MIN)
− VD + VSW
where VIN(MIN) is the minimum input voltage, VOUT is
the output voltage, VD is the catch diode drop (~0.5V),
VSW is the internal switch drop (~0.5V at max load), fSW
is the switching frequency (set by RT), and tOFF(MIN) is
the minimum switch off-time. Note that higher switch-
ing frequency will increase the minimum input voltage.
If a lower dropout voltage is desired, a lower switching
frequency should be used.
The maximum input voltage for LT3991 applications
depends on switching frequency, the Absolute Maximum
Ratings of the VIN and BOOST pins, and the operating
mode. For a given application where the switching fre-
quency and the output voltage are already selected, the
maximum input voltage (VIN(OP-MAX)) that guarantees
optimum output voltage ripple for that application can be
found by applying the following equation:
VIN(OP-MAX) =
VOUT + VD
fSW • tON(MIN)
– VD + VSW
where tON(MIN) is the minimum switch on-time. Note that
a higher switching frequency will decrease the maximum
operating input voltage. Conversely, a lower switching
frequency will be necessary to achieve normal operation
at higher input voltages.
The circuit will tolerate inputs above the maximum op-
erating input voltage and up to the Absolute Maximum
Ratings of the VIN and BOOST pins, regardless of chosen
switching frequency. However, during such transients
where VIN is higher than VIN(OP-MAX), the LT3991 will enter
pulse-skippingoperationwheresomeswitchingpulsesare
skipped to maintain output regulation. The output voltage
ripple and inductor current ripple will be higher than in
typical operation. Do not overload when VIN is greater
than VIN(OP-MAX).


Similar Part No. - LT3991-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3991-5 LINER-LT3991-5_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
More results

Similar Description - LT3991-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3991 LINER-LT3991_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991-5 LINER-LT3991-5_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991 LINER-LT3991 Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
LT3971 LINER-LT3971_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-5 LINER-LT3971-5_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-3.3 LINER-LT3971-3.3_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
LTC1879 LINER-LTC1879_15 Datasheet
267Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
   1.2A Step-Down Switching Regulator with Output Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com