Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3991-3.3 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3991-3.3
Description  55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3991-3.3 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3991-3.3_15 Datasheet HTML 2Page - Linear Technology LT3991-3.3_15 Datasheet HTML 3Page - Linear Technology LT3991-3.3_15 Datasheet HTML 4Page - Linear Technology LT3991-3.3_15 Datasheet HTML 5Page - Linear Technology LT3991-3.3_15 Datasheet HTML 6Page - Linear Technology LT3991-3.3_15 Datasheet HTML 7Page - Linear Technology LT3991-3.3_15 Datasheet HTML 8Page - Linear Technology LT3991-3.3_15 Datasheet HTML 9Page - Linear Technology LT3991-3.3_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3991/LT3991-3.3/LT3991-5
6
3991fa
Typical perForMance characTerisTics
EN Threshold
Boost Diode Forward Voltage
Power Good Threshold
Minimum Input Voltage
TA = 25°C, unless otherwise noted.
Transient Load Response,
Load Current Stepped from 25mA
(Burst Mode Operation) to 525mA
Minimum Input Voltage
LOAD CURRENT (mA)
0
5.0
4.8
4.0
3.4
3.6
4.2
4.4
4.6
3.8
3.2
3.0
800
400
3991 G19
1200
600
200
1000
TO START
TO RUN
VOUT = 3.3V
LOAD CURRENT (mA)
0
6.4
6.2
5.4
5.6
6.0
5.8
5.2
5.0
800
400
3991 G20
1200
600
200
1000
TO START
TO RUN
VOUT = 5V
TEMPERATURE (°C)
3971 G21
1.05
0.97
0.96
1.03
1.02
1.01
1.00
0.99
0.98
1.04
0.95
–55
155
35
65
125
95
5
–25
RISING THRESHOLD
FALLING THRESHOLD
BOOST DIODE CURRENT (mA)
3991 G22
1.6
0.4
0.2
1.2
1.0
0.8
0.6
1.4
0
0
1500
500
750
1250
1000
250
TEMPERATURE (°C)
3991 G23
95
88
87
86
93
92
91
90
89
94
85
–55
155
35
65
125
95
5
–25
10µs/DIV
3991 G24
VOUT
100mV/DIV
IL
500mA/DIV
VIN = 48V, VOUT = 3.3V
COUT = 47µF
Minimum Switch On-Time/
Switch Off-Time
Soft-Start
LT3991-X Frequency Foldback
TEMPERATURE (°C)
–55
400
350
150
50
200
250
300
100
0
65
5
3991 G17
155
35
–25
95
125
tOFF(MIN) 1A LOAD
tOFF(MIN) 0.5A LOAD
tON(MIN)
SS PIN VOLTAGE (V)
0
2.5
2.0
0.5
1.0
1.5
0
1.25
0.75
3991 G18
2
1
0.5
0.25
1.75
1.5
VOUT (% OF REGULATION VOLTAGE)
0
0
100
300
400
500
40
80
100
900
3991 G30
200
20
60
600
700
800


Similar Part No. - LT3991-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3991-5 LINER-LT3991-5_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
More results

Similar Description - LT3991-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3991 LINER-LT3991_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991-5 LINER-LT3991-5_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991 LINER-LT3991 Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
LT3971 LINER-LT3971_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-5 LINER-LT3971-5_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-3.3 LINER-LT3971-3.3_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
LTC1879 LINER-LTC1879_15 Datasheet
267Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
   1.2A Step-Down Switching Regulator with Output Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com