Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3991-5 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3991-5
Description  55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3991-5 Datasheet(HTML) 4 Page - Linear Technology

  LT3991-5_15 Datasheet HTML 1Page - Linear Technology LT3991-5_15 Datasheet HTML 2Page - Linear Technology LT3991-5_15 Datasheet HTML 3Page - Linear Technology LT3991-5_15 Datasheet HTML 4Page - Linear Technology LT3991-5_15 Datasheet HTML 5Page - Linear Technology LT3991-5_15 Datasheet HTML 6Page - Linear Technology LT3991-5_15 Datasheet HTML 7Page - Linear Technology LT3991-5_15 Datasheet HTML 8Page - Linear Technology LT3991-5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3991/LT3991-3.3/LT3991-5
4
3991fa
Typical perForMance characTerisTics
Efficiency, VOUT = 3.3V
No Load Supply Current
No Load Supply Current
LT3991 Feedback Voltage
LT3991-3.3 Output Voltage
LT3991-5 Output Voltage
Efficiency, VOUT = 5V
Efficiency, VOUT = 3.3V
Efficiency, VOUT = 5V
TA = 25°C, unless otherwise noted.
LOAD CURRENT (A)
3991 G01
100
40
50
60
70
80
90
30
0
1.2
1
0.8
0.6
0.4
0.2
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
VOUT = 5V
R1 = 1M
R2 = 309k
LOAD CURRENT (A)
3991 G02
90
30
40
50
60
70
80
20
0
1.2
1
0.8
0.6
0.4
0.2
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
LOAD CURRENT (mA)
3991 G03
100
30
20
10
40
50
60
70
80
90
0
0.01
1000
100
10
1
0.1
VIN = 36V
VIN = 48V
VOUT = 5V
R1 = 1M
R2 = 309k
VIN = 24V
VIN = 12V
LOAD CURRENT (mA)
3991 G04
90
30
20
10
40
50
60
70
80
0
0.01
1000
100
10
1
0.1
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
TEMPERATURE (°C)
3991 G05
100
10
1
–55 –25
155
125
95
65
35
5
DIODES, INC.
DFLS2100
INPUT VOLTAGE (V)
5
2.0
2.5
45
3991 G06
1.5
1.0
15
25 30
55
3.0
35
10
20
50
40
LT3991-5
LT3991-3.3
OUTPUT IN REGULATION
TEMPERATURE (°C)
3991 G07
1.205
1.180
1.185
1.190
1.195
1.200
1.175
–55
155
65
95
125
35
5
–25
TEMPERATURE (°C)
–50
3.315
3.330
3.345
35
95
3991 G28
3.300
3.285
–25
5
65
125
155
3.270
3.255
TEMPERATURE (°C)
–50
5.02
5.04
5.06
35
95
3991 G29
5.00
4.98
–25
5
65
125
155
4.96
4.94


Similar Part No. - LT3991-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3991-3.3 LINER-LT3991-3.3_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
More results

Similar Description - LT3991-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3991-3.3 LINER-LT3991-3.3_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991 LINER-LT3991_15 Datasheet
394Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8A Quiescent Current
LT3991 LINER-LT3991 Datasheet
314Kb / 24P
   55V, 1.2A Step-Down Regulator with 2.8 Quiescent Current
LT3971 LINER-LT3971_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-5 LINER-LT3971-5_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-3.3 LINER-LT3971-3.3_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
LTC1879 LINER-LTC1879_15 Datasheet
267Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15A Quiescent Current
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
   1.2A Step-Down Switching Regulator with Output Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com