Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE36C Datasheet(PDF) 1 Page - Littelfuse

Part # 1.5KE36C
Description  1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1.5KE36C Datasheet(HTML) 1 Page - Littelfuse

  1.5KE36C Datasheet HTML 1Page - Littelfuse 1.5KE36C Datasheet HTML 2Page - Littelfuse 1.5KE36C Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
www .littelfuse .com
1.5KE6.8 - 1.5KE440CA series
18
1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
Protect sensitive electronics against voltage transients induced by inductive load
switching and lightning. Ideal for the protection of I/O interfaces, Vcc bus, and other
integrated circuits used in telecom, computer, datacom and industrial electronics.
FEATURES
G Breakdown voltage range 6.8 to 440 Volts
G Uni-directional and Bi-directional
G Glass passivated junction
G Low clamping factor
G 100% surge tested
G UL recognised
MAXIMUM RATING
G Peak Pulse Power (Ppk): 1500 Watts (10 x 1000µs)@25°C
(see diagram on page 6 for wave form)
G 5 watt steady state
G Response time: 1 x 10-12 seconds (theoretical)
G Forward surge rating: 200 Amps, 8.3ms half sine wave,
(uni-directional devices only)
G Operating & storage temperature: -55°C to +150°C
MECHANICAL CHARACTERISTICS
G Case: DO-201AD: Moulded plastic over glass passivated junction
G Terminals: Axial leads, solderable per MIL-STD-202 Method 208
G Solderable leads = 230°C for 10 seconds (1.59mm from case)
G Marking: cathode band, (positive terminal, uni-directional devices only),
device code, logo
G Weight: 1.5 grammes (approx)
Min 25.4
4.826
5.207
Min 25.4
9.155
9.527
0.966 - 1.066
1.5KE
C A
Voltage
Bi-Directional
5% Voltage Tolerance
Packaging Option
B = Bulk (500 pcs)
T = Tape and reeled (1500 pcs)
ORDERING INFORMATION
10000
1000
100
10
Cj (pf)
G STAND-OFF VOLTAGE
Uni-directional
Bi-directional
1
10
100
1000
Device Stand-off Voltage - Volts
100kw
20kw
5kw
2kw
500w
100w
Pp
(KW)
1
µs10µs
100
µs
1ms
10ms
Pulse Time (tp)
Figure 1 - Capacitance vs. Stand-off Voltage
Figure 2 - Peak Pulse Power vs. Pulse Time
All dimensions in mm


Similar Part No. - 1.5KE36C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE36C TRSYS-1.5KE36C Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE36C LUGUANG-1.5KE36C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DAESAN ELECTRONIC CORP.
1.5KE36C DAESAN-1.5KE36C Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
1.5KE36C WTE-1.5KE36C Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
1.5KE36C LUGUANG-1.5KE36C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE36C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ10A FAIRCHILD-SMCJ10A Datasheet
127Kb / 5P
   1500 Watt Transient Voltage Suppressors
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
ON Semiconductor
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com