Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6654 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6654
Description  Precision Wide Supply High Output Drive Low Noise Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6654 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6654_15 Datasheet HTML 7Page - Linear Technology LT6654_15 Datasheet HTML 8Page - Linear Technology LT6654_15 Datasheet HTML 9Page - Linear Technology LT6654_15 Datasheet HTML 10Page - Linear Technology LT6654_15 Datasheet HTML 11Page - Linear Technology LT6654_15 Datasheet HTML 12Page - Linear Technology LT6654_15 Datasheet HTML 13Page - Linear Technology LT6654_15 Datasheet HTML 14Page - Linear Technology LT6654_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LT6654
11
6654fe
For more information www.linear.com/LT6654
5V Minimum VIN to VOUT
Differential (Sinking)
5V Output Voltage Noise
Spectrum
INPUT-OUTPUT VOLTAGE (mV)
–300 –250 –200 –150 –100 –50
0
50
0.1
1
10
6654 G35
100
25°C
–55°C
–40°C
125°C
FREQUENCY (kHz)
0.01
0.1
1
10
0
50
100
150
250
300
350
200
450
500
550
400
600
6654 G36
100
IO = 5mA
IO = 0µA
The characteristic curves are similar across the
LT6654 family. Curves from the LT6654-1.25, LT6654-2.5 and the LT6654-5 represent the full range of typical performance of all
voltage options. Characteristic curves for other output voltages fall between these curves and can be estimated based on their output.
pin FuncTions
DNC (Pins 1, 7): Do Not Connect. Keep leakage current
from this pin to VIN or GND to a minimum.
NC (Pin 2): Not internally connected. May be tied to VIN,
VOUT, GND or floated.
GND (Pin 3): Internal Function. This pin must be tied to
GND near Pin 4.
GND (Pin 4): Primary Device Ground. Pin 3 and the load
ground should be star-connected to Pin 4.
VOUT (Pin 5): VOUT Pin. An output capacitor of 1µF or
greater is required for stable operation.
VOUT (Pin 6): VOUT Pin. Tie to Pin 5 for proper load regu-
lation.
VIN (Pin 8): Power Supply. Bypass VIN with a 0.1µF, or
larger, capacitor to GND.
GND (Pin 1): Internal Function. This pin must be tied to
ground, near Pin 2.
GND (Pin 2): Primary Device Ground.
DNC (Pin 3): Do Not Connect. Keep leakage current from
this pin to VIN or GND to a minimum.
VIN (Pin 4): Power Supply. Bypass VIN with a 0.1µF
capacitor to ground.
DNC (Pin 5): Do Not Connect. Keep leakage current from
this pin to VIN or GND to a minimum.
VOUT (Pin 6): Output Voltage. An output capacitor of 1µF
minimum is required for stable operation.
(LS8)
(TSOT)
Typical perForMance characTerisTics


Similar Part No. - LT6654_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6654 LINER-LT6654_12 Datasheet
3Mb / 22P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
More results

Similar Description - LT6654_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6654 LINER-LT6654_12 Datasheet
3Mb / 22P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6654 LINER-LT6654 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
Analog Devices
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
   Wide Supply 2.5V Precision Voltage Reference
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
logo
Linear Technology
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
   Precision, Low Noise, High Stability Hermetic Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com