Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ961-1C-48DS Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ961-1C-48DS
Description  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ961-1C-48DS Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ961-1C-48DS Datasheet HTML 1Page - ZETTLER Electronics AZ961-1C-48DS Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[ø1.0± .076]
2 xø.039± .003
[1.37]
.054
[2.54]
.100
[12.7]
.500
[5.08]
.200
[2.54]
.100
[7.62]
.300
[ø1.19± .076]
3 xø.047± .003
[1.44]
.057
[20.5]
.807
[3.4]
5 x.134
[0.6]
2 x.024
[0.4]
2 x.016
[0.8]
.032
[0.25]
.010
[0.6 SQ]
2 x.024 SQ
[0.5]
4 x.020
[20.5]
.807
[10.5]
.413
2
3
5
1
4
3
5
4
VIEWEDTOWARDTERMINALS
1 FORMA
1 FORMC
VIEWEDTOWARDTERMINALS


2
2003-06-23
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ961
SENSITIVE COIL
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
1 Form A
1 Form C
VDC
VDC
Ohm ±10%
VDC
37.3
36
2.1
AZ961–1A–3DS
AZ961–1C–3DS
512.2
100
3.5
AZ961–1A–5DS
AZ961–1C–5DS
614.7
145
4.2
AZ961–1A–6DS
AZ961–1C–6DS
922.0
325
6.3
AZ961–1A–9DS
AZ961–1C–9DS
12
29.3
575
8.4
AZ961–1A–12DS
AZ961–1C–12DS
18
44.2
1,300
12.6
AZ961–1A–18DS
AZ961–1C–18DS
24
58.9
2,310
16.8
AZ961–1A–24DS
AZ961–1C–24DS
48
117.0
9,220
33.6
AZ961–1A–48DS
AZ961–1C–48DS
*For epoxy sealed version, add suffix “E”.
RELAY ORDERING DATA
STANDARD COIL
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
1 Form A
1 Form C
VDC
VDC
Ohm ±10%
VDC
36.1
25
2.1
AZ961–1A–3D
AZ961–1C–3D
510.2
69
3.5
AZ961–1A–5D
AZ961–1C–5D
612.2
100
4.2
AZ961–1A–6D
AZ961–1C–6D
918.4
225
6.3
AZ961–1A–9D
AZ961–1C–9D
12
24.5
400
8.4
AZ961–1A–12D
AZ961–1C–12D
18
36.7
900
12.6
AZ961–1A–18D
AZ961–1C–18D
24
48.9
1,600
16.8
AZ961–1A–24D
AZ961–1C–24D
48
97.9
6,400
33.6
AZ961–1A–48D
AZ961–1C–48D
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
Discontinuation Notice
Discontinuation date:
31.12.2012
Date of last order:
15.11.2012
Recommended replacement:
-


Similar Part No. - AZ961-1C-48DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ961-1C-48DS ETC1-AZ961-1C-48DS Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ961-1C-48DS AZETTLER-AZ961-1C-48DS Datasheet
111Kb / 2P
   MINIATURE POWER RELAY
More results

Similar Description - AZ961-1C-48DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com