Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2995 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2995
Description  Temperature Sensor and Dual Voltage Monitor with Alert Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2995 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2995_15 Datasheet HTML 7Page - Linear Technology LTC2995_15 Datasheet HTML 8Page - Linear Technology LTC2995_15 Datasheet HTML 9Page - Linear Technology LTC2995_15 Datasheet HTML 10Page - Linear Technology LTC2995_15 Datasheet HTML 11Page - Linear Technology LTC2995_15 Datasheet HTML 12Page - Linear Technology LTC2995_15 Datasheet HTML 13Page - Linear Technology LTC2995_15 Datasheet HTML 14Page - Linear Technology LTC2995_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2995
11
2995f
D+
D
470pF
LTC2995
2N3904
2995 F02
GND
APPLICATIONS INFORMATION
Leakage currents at D+ affect the precision of the remote
temperature measurements. 100nA leakage current leads
to an additional error of 2°C (see Typical Performance
Characteristics).
Note that bypass capacitors greater than 1nF will cause
settling time errors in the different measurement cur-
rents and therefore introduce an error in the temperature
measurement (see Typical Performance Characteristics).
The LTC2995 compensates series resistance in the
measurement path and thereby allows accurate remote
temperature measurements even with several meters of
distance between the sensor and the device. The cable
length between the sensor and the LTC2995 is only limited
by the mutual capacitance introduced between D+ and
Dwhich degrades measurement accuracy (see Typical
Performance Characteristics).
For example an AT6 cable with 50pF/m should be kept
shorter than ~20m to keep the capacitance less than 1nF.
To save wiring, the cathode of the remote sensor can
also be connected to remote GND and Dto local GND
as shown below.
components. Noise around odd multiples of 6kHz (±20%)is
amplified by the measurement algorithm and converted at
a DC offset in the temperature measurement (see Typical
Performance Characteristics).
The LTC2995 can withstand up to ±4kV of electrostatic
discharge (ESD, human body). ESD beyond this voltage
can damage or degrade the device including lowering the
remote sensor measurement accuracy due to increased
leakage currents on D+ or D.
To protect the sensing inputs against larger ESD strikes,
external protection can be added using TVS diodes to
ground (Figure 3). Care must be taken to choose diodes
with low capacitance and low leakage currents in order
not to degrade the external sensor measurement accuracy
(see Typical Performance Characteristics curves).
The temperature measurement of the LTC2995 relies only
on differences between the diode voltage at multiple test
circuits. Therefore DC offsets smaller than 300mV between
remote and local GND do not impact the precision of the
temperature measurement. The cathode of the sensor
can accommodate modest ground shifts across a system
which is beneficial in applications where a good thermal
connectivity of the sensor to a device whose temperature
is to be monitored (shunt resistor, coil, etc.) is required.
Care must be taken if the potential difference between
the cathode and Ddoes not only content DC but also AC
Figure 2. Single Wire Remote Temperature Sensing
Figure 3. Increasing ESD Robustness with TVS Diodes
To make the connection of the cable to the IC polarity
insensitive during installation, two sensor transistors
with opposite polarity at the end of a two wire cable can
be used as shown on Figure 4.
Again, care must be taken that the leakage current of the
second transistor does not degrade the measurement
accuracy.
Figure 4. Polarity Insensitive Remote Diode Sensor
D+
D
220pF
10Ω
LTC2995
MMBT3904
PESD5Z6.0
2995 F03
GND
10Ω
D+
D
LTC2995
MMBT3904
470pF
2995 F04
GND


Similar Part No. - LTC2995_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
LTC2995 LINER-LTC2995 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
logo
Analog Devices
LTC2995 AD-LTC2995 Datasheet
3Mb / 90P
   Isolated High Accuracy Digital Temperature Measurement System with EEPROM
More results

Similar Description - LTC2995_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs
LTC2996 LINER-LTC2996 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
Microchip Technology
MCP9600 MICROCHIP-MCP9600 Datasheet
4Mb / 50P
   Four Programmable Temperature Alert Outputs
07/14/15
logo
ON Semiconductor
ADT7485A ONSEMI-ADT7485A Datasheet
341Kb / 12P
   Temperature Sensor and Voltage Monitor with Simple Serial Transport
April, 2010 ??Rev. 3
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
   SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
   SST Digital Temperature Sensor and Voltage Monitor
REV. 0
ADM1192 AD-ADM1192 Datasheet
395Kb / 20P
   Digital Power Monitor with Clear Pin and ALERT Output
REV. 0
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com