Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ980 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ980
Description  80 AMP AUTOMOTIVE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ980 Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ980 Datasheet HTML 1Page - ZETTLER Electronics AZ980 Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 80 A 14 VDC Res.
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
500 Vrms coil to contact
(at sea level for 1 min.) 500 Vrms between open contacts
Insulation Resistance
100 megohms min. at 500 VDC, 20°C
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" (1.5 mm) DA at 10-55 Hz
Shock
10 g
Enclosure
PA 66
Terminals
Copper alloy
Quick Connect
Note: Allow suitable slack on leads when wiring
and do not subject the terminals to excessive
force.
Weight
46 grams
2011-07-28
AZ980
80 AMP
AUTOMOTIVE
RELAY
FEATURES
• 80 Amp contact rating
• High momentary carry current
• High operating temperature (85°C)
• SPST N.O. (1 Form A), SPDT (1 Form C),
SPST N.C. (1 Form B)
• Quick connect terminals
• ISO/TS 16949, ISO14001
• Tested in accordance with SAEJ2544
COIL
Power
At Pickup Voltage
0.76 W
(typical)
Max. Continuous
3.0 W at 20°C (68°F)
Dissipation
Temperature Rise
56°C (101°F) at nominal coil voltage
Temperature
Max.155°C (311°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
Arrangement
SPST (1 Form A)
SPST (1 Form B)
SPDT (1 Form C)
Ratings
1 Form A
1 Form B
1 Form C
Resistive load:
Max. switched power:
1120 W
Max. switched current:
80 A
Max. switched voltage: 28 VDC
Max. switched power:
840 W
Max. switched current:
60 A
Max. switched voltage: 28 VDC
Max. switched power:
840 W
Max. switched current:
60 A
Max. switched voltage: 28 VDC
Rated Load
1 Form A
1 Form B
1 Form C
Resistive load:
80 A at 14 VDC Resistive, 20°C
40 A at 28 VDC Resistive, 20°C
40 A at 14 VDC Resistive, 85°C
20 A at 28 VDC Resistive, 85°C
120 A at 28 VDC Resistive, 85°C
(inrush for 3 seconds with make/break ratio 1:10)
60 A at 14 VDC Resistive, 20°C
30 A at 28 VDC Resistive, 20°C
30 A at 14 VDC Resistive, 85°C
15 A at 28 VDC Resistive, 85°C
60 A at 14 VDC Resistive, 20°C, (N.O.)
40 A at 28 VDC Resistive, 20°C, (N.O.)
40 A at 14 VDC Resistive, 85°C, (N.O.)
20 A at 28 VDC Resistive, 85°C, (N.O.)
60 A at 14 VDC Resistive, 20°C, (N.C.)
30 A at 28 VDC Resistive, 20°C, (N.C.)
30 A at 14 VDC Resistive, 85°C, (N.C.)
15 A at 28 VDC Resistive, 85°C, (N.C.)
Material
Silver tin oxide
Resistance
< 50 milliohms initially
(at 24 V, 1 A, voltage drop method)
CONTACTS


Similar Part No. - AZ980

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ980 ZETTLER-AZ980 Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ980-1A-12D ZETTLER-AZ980-1A-12D Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ980-1A-12D AZETTLER-AZ980-1A-12D Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ980-1A-24D ZETTLER-AZ980-1A-24D Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
More results

Similar Description - AZ980

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ983 ZETTLER-AZ983 Datasheet
60Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ980 ZETTLER-AZ980 Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ979 ZETTLER-AZ979_11 Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
AZ983 ETC-AZ983 Datasheet
73Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ979 ZETTLER-AZ979 Datasheet
63Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
PC795 PICKER-PC795 Datasheet
251Kb / 3P
   80/60 Amp Automotive Plug-In / PCB Power Relay
PC795 PICKER-PC795_14 Datasheet
400Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com