Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZT5551 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DZT5551
Description  160V NPN VOLTAGE TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT5551 Datasheet(HTML) 2 Page - Diodes Incorporated

  DZT5551_15 Datasheet HTML 1Page - Diodes Incorporated DZT5551_15 Datasheet HTML 2Page - Diodes Incorporated DZT5551_15 Datasheet HTML 3Page - Diodes Incorporated DZT5551_15 Datasheet HTML 4Page - Diodes Incorporated DZT5551_15 Datasheet HTML 5Page - Diodes Incorporated DZT5551_15 Datasheet HTML 6Page - Diodes Incorporated DZT5551_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DZT5551
Document number: DS31219 Rev. 3 - 2
2 of 7
www.diodes.com
November 2012
© Diodes Incorporated
DZT5551
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
6
V
Continuous Collector Current
IC
600
mA
Peak Collector Current
ICM
1
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
2
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
62.5
°C/W
Thermal Resistance, Junction to Leads (Note 6)
RθJL
34.05
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on 50mm X 50mm X 1.6mm FR-4 PCB with high coverage of single sided 1 oz. copper, in still air condition
6. Thermal resistance from junction to solder-point (at the end of the collector lead).


Similar Part No. - DZT5551_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT5551-13 DIODES-DZT5551-13 Datasheet
177Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DZT5551_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT5551Q DIODES-DZT5551Q Datasheet
492Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN5551G ZETEX-ZXTN5551G Datasheet
335Kb / 8P
   160V, SOT223, NPN high voltage transistor
logo
Diodes Incorporated
ZXTN5551G DIODES-ZXTN5551G Datasheet
346Kb / 8P
   160V, SOT223, NPN high voltage transistor
DXT5551P5_1011 DIODES-DXT5551P5_1011 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR
DXT5551 DIODES-DXT5551_15 Datasheet
419Kb / 6P
   160V NPN TRANSISTOR IN SOT89
DZTA42 DIODES-DZTA42_15 Datasheet
291Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT658 DIODES-FZT658_15 Datasheet
597Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
FZT658TA DIODES-FZT658TA Datasheet
267Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DZTA42Q DIODES-DZTA42Q Datasheet
468Kb / 7P
   300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com