Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-68PDF-510M84B Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FU-68PDF-510M84B
Description  1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-68PDF-510M84B Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FU-68PDF-510M84B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-68PDF-510M84B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-68PDF-510M84B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-68PDF-510M84B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-68PDF-510M84B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUBISHI (OPTICAL DEVICES)
FU-68PDF-V510MxxB
1.55
mm DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL
(WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
ELECTRICAL/OPTICAL CHARACTERISTICS (Tld=Tset, Tc=25
°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Threshold current
Ith
CW
-
10
25
mA
Operating current
Iop
CW, Pf=10mW
-
-
100
mA
Operating voltage
Vop
CW, Pf=10mW
-
-
1.8
V
Input impedance
Zin
Pf=10mW
-
25
-
W
Light-emission central
wavelength
lc
CW, Pf=10mW
(Note 1)
nm
Central wavelength drift with
case temp.
Dlc/DTc Tc=-20~70°C
-1
-
0
pm/
°C
Laser operating temperature
Tset
-
20
-
35
°C
Spectral line width
Df
CW, Pf=10mW
-
-
20
MHz
Side mode suppression ratio
Sr
CW, Pf=10mW
33
40
-
dB
Cutoff frequency
(-1.5dB optical)
fc
Pf=10mW
2
-
-
GHz
Polarization extinction ratio
Ex
CW, Pf=10mW
20
25
-
dB
Relative intensity noise
Nr
CW, Pf=10mW,
0.5~3GHz
-
-155
-145
dB/Hz
Tracking error
(Note 2)
Er
Tc=-20~70
°C,
APC, ATC
-
-
0.5
dB
Differential efficiency
h
CW, Pf=10mW
0.1
-
-
mW/
mA
Monitor current
Imon
CW, Pf=10mW, Vrd=5V
0.2
-
2
mA
Tc=25
°C35
-
-
Optical isolation
Iso
Tc=-20~70
°C
23
-
-
dB
Dark current (PD)
Id
Vrd=5V, Tc=-20~70
°C
-
-
0.1
mA
Capacitance (PD)
Ct
Vrd=5V, f=1MHz
-
-
10
pF
Note 1) See Table 1.
Note 2) Er=max|10
´log(Pf / Pf@25°C)|


Similar Part No. - FU-68PDF-510M84B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68PDF-520M10B MITSUBISHI-FU-68PDF-520M10B Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-520M11B MITSUBISHI-FU-68PDF-520M11B Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-520M12B MITSUBISHI-FU-68PDF-520M12B Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-520M13B MITSUBISHI-FU-68PDF-520M13B Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-520M14B MITSUBISHI-FU-68PDF-520M14B Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results

Similar Description - FU-68PDF-510M84B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68PDF-V520MXXB MITSUBISHI-FU-68PDF-V520MXXB Datasheet
105Kb / 5P
   1.55 um DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V802MXXB MITSUBISHI-FU-68SDF-V802MXXB Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXB MITSUBISHI-FU-68SDF-V810MXXB Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V510MXXXB MITSUBISHI-FU-68PDF-V510MXXXB Datasheet
92Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68PDF-V520MXXXB MITSUBISHI-FU-68PDF-V520MXXXB Datasheet
96Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH POLARIZATION MAINTAINING FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-22 MITSUBISHI-FU-68SDF-22 Datasheet
85Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-1M1B MITSUBISHI-FU-645SDF-1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-X1MXX MITSUBISHI-FU-645SDF-X1MXX Datasheet
109Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V802MXXXB MITSUBISHI-FU-68SDF-V802MXXXB Datasheet
93Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXXB MITSUBISHI-FU-68SDF-V810MXXXB Datasheet
91Kb / 5P
   1.58 um (L-Band) DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com