Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3440 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3440 Datasheet(HTML) 1 Page - Linear Technology

  LTC3440_15 Datasheet HTML 1Page - Linear Technology LTC3440_15 Datasheet HTML 2Page - Linear Technology LTC3440_15 Datasheet HTML 3Page - Linear Technology LTC3440_15 Datasheet HTML 4Page - Linear Technology LTC3440_15 Datasheet HTML 5Page - Linear Technology LTC3440_15 Datasheet HTML 6Page - Linear Technology LTC3440_15 Datasheet HTML 7Page - Linear Technology LTC3440_15 Datasheet HTML 8Page - Linear Technology LTC3440_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3440
1
3440fc
For more information www.linear.com/LTC3440
Description
Micropower Synchronous
Buck-Boost DC/DC Converter
Features
applications
n
Single Inductor
n
Fixed Frequency Operation with Battery Voltages
Above, Below or Equal to the Output
n
Synchronous Rectification: Up to 96% Efficiency
n
25µA Quiescent Current in Burst Mode® Operation
n
Up to 600mA Continuous Output Current
n
No Schottky Diodes Required (VOUT < 4.3V)
n
VOUT Disconnected from VIN During Shutdown
n
2.5V to 5.5V Input and Output Range
n
Programmable Oscillator Frequency
from 300kHz to 2MHz
n
Synchronizable Oscillator
n
Burst Mode Enable Control
n
<1µA Shutdown Current
n
Small Thermally Enhanced 10-Pin MSOP and
(3mm
× 3mm) DFN Packages
n
Palmtop Computers
n
Handheld Instruments
n
MP3 Players
n
Digital Cameras
The LTC®3440 is a high efficiency, fixed frequency, Buck-
Boost DC/DC converter that operates from input voltages
above, below or equal to the output voltage. The topology
incorporated in the IC provides a continuous transfer
function through all operating modes, making the prod-
uct ideal for single lithium-ion, multicell alkaline or NiMH
applications where the output voltage is within the battery
voltage range.
The device includes two 0.19Ω N-channel MOSFET
switches and two 0.22Ω P-channel switches. Switch-
ing frequencies up to 2MHz are programmed with an
external resistor and the oscillator can be synchronized
to an external clock. Quiescent current is only 25µA in
Burst Mode operation, maximizing battery life in portable
applications. Burst Mode operation is user controlled and
can be enabled by driving the MODE/SYNC pin high. If the
MODE/SYNC pin has either a clock or is driven low, then
fixed frequency switching is enabled.
Other features include a 1µA shutdown, soft-start con-
trol, thermal shutdown and current limit. The LTC3440
is available in the 10-pin thermally enhanced MSOP and
(3mm
× 3mm) DFN packages.
Efficiency vs VIN
SW1
VIN
SHDN/SS
MODE/SYNC
RT
SW2
VOUT
FB
VC
GND
3
7
8
2
1
4
6
9
10
5
LTC3440
L1
10µH
R1
340k
R2
200k
R3
15k
3440 TA01
RT
60.4k
C1: TAIYO YUDEN JMK212BJ106MG
C2: TAIYO YUDEN JMK325BJ226MM
L1: SUMIDA CDRH6D38-100
*1 = Burst Mode OPERATION
0 = FIXED FREQUENCY
C1
10µF
Li-Ion
VIN = 2.7V TO 4.2V
*
+
C5 1.5nF
C2
22µF
VOUT
3.3V
600mA
VIN (V)
2.5
3.0
3.5
4.0
4.5
3440 TA02
5.0
100
98
96
94
92
90
88
86
84
82
80
5.5
VOUT = 3.3V
IOUT = 100mA
fOSC = 1MHz
tYpical application
Li-Ion to 3.3V at 600mA Buck-Boost Converter
L
, LT, LTC, LTM, Linear Technology, Burst Mode and the Linear logo are registered
trademarks and ThinSOT is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.


Similar Part No. - LTC3440_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3440EDD LINER-LTC3440EDD Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440EMS LINER-LTC3440EMS Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results

Similar Description - LTC3440_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
   High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3444 LINER-LTC3444 Datasheet
209Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com