Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3521 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3521
Description  1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3521_15 Datasheet HTML 6Page - Linear Technology LTC3521_15 Datasheet HTML 7Page - Linear Technology LTC3521_15 Datasheet HTML 8Page - Linear Technology LTC3521_15 Datasheet HTML 9Page - Linear Technology LTC3521_15 Datasheet HTML 10Page - Linear Technology LTC3521_15 Datasheet HTML 11Page - Linear Technology LTC3521_15 Datasheet HTML 12Page - Linear Technology LTC3521_15 Datasheet HTML 13Page - Linear Technology LTC3521_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC3521
10
3521fb
For more information www.linear.com/LTC3521
operaTion
The LTC3521 combines dual synchronous buck DC/DC
converters and a 4-switch buck-boost DC/DC converter
in a 4mm × 4mm QFN package and a 20-pin thermally
enhanced TSSOP package. The buck-boost converter
utilizes a proprietary switching algorithm which allows its
output voltage to be regulated above, below or equal to
the input voltage. The buck converters provide a high ef-
ficiencylowervoltageoutputandsupport100%dutycycle
operation to extend battery life. In Burst Mode operation,
the total quiescent current for the LTC3521 is reduced to
30μA. All three converters are synchronized to the same
internal 1.1MHz oscillator.
BUCK CONVERTER OPERATION
PWM Mode Operation
When the PWM pin is held high, the LTC3521 buck con-
verters use a constant-frequency, current mode control
architecture. Both the main (P-channel MOSFET) and
synchronous rectifier (N-channel MOSFET) switches
are internal. At the start of each oscillator cycle, the
P-channel switch is turned on and remains on until the
currentwaveformwithsuperimposedslopecompensation
ramp exceeds the error amplifier output. At this point,
the synchronous rectifier is turned on and remains on
until the inductor current falls to zero or a new switching
cycle is initiated. As a result, the buck converters operate
with discontinuous inductor current at light loads, which
improvesefficiency.Atextremelylightloads,theminimum
on-time of the main switch will be reached and the buck
converters will begin turning off for multiple cycles in
order to maintain regulation.
Burst Mode Operation
When the PWM pin is forced low, the buck converters will
automatically transition between Burst Mode operation
at sufficiently light loads (below approximately 15mA)
and PWM mode at heavier loads. Burst Mode entry is
determined by the peak inductor current. Therefore,
the load current at which Burst Mode operation will be
entered depends on the input voltage, the output voltage
and the inductor value. Typical curves for Burst Mode
entry threshold are provided in the Typical Performance
Characteristics section of this data sheet. In dropout and
neardropoutconditions,BurstModeoperationisdisabled.
Dropout Operation
As the input voltage decreases to a value approaching the
output regulation voltage, the duty cycle increases toward
the maximum on-time. Further reduction of the supply
voltage will force the main switch to remain on for more
than one cycle until 100% duty cycle operation is reached
where the main switch remains on continuously. In this
dropout state, the output will be determined by the input
voltage less the resistive voltage drop across the main
switch and series resistance of the inductor.
Slope Compensation
Current mode control requires the use of slope compensa-
tion to prevent subharmonic oscillations in the inductor
current at high duty cycle operation. This is accomplished
internally on the LTC3521 through the addition of a com-
pensatingramptothecurrentsensesignal.Insomecurrent
mode ICs, current limiting is performed by clamping the
error amplifier voltage to a fixed maximum. This leads to a
reduced output current capability at low step-down ratios.
In contrast, the LTC3521 performs current limiting prior
to addition of the slope compensation ramp and therefore
achieves a peak inductor current limit that is independent
of duty cycle.
Short-Circuit Protection
When the output is shorted to ground, the error amplifier
will saturate high and the P-channel MOSFET switch will
turn on at the start of each cycle and remain on until the
current limit trips. During this minimum on-time, the in-
ductor current will increase rapidly and will decrease very
slowly during the remainder of the period due to the very
small reverse voltage produced by a hard output short.
To eliminate the possibility of inductor current runaway in
this situation, the buck converter switching frequency is
reducedto250kHzwhenthevoltageonthebuckFBpinfalls
below 0.25V. The buck soft-start circuit is reset when the
buck FB pin falls below 0.25V to provide a smooth restart
once the short-circuit condition at the output voltage is
no longer present. Additionally, the PMOS current limit
is decreased from 1050mA to 700mA when the voltage
on the buck FB pin falls below 0.25V.


Similar Part No. - LTC3521_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3521EFE-PBF LINER-LTC3521EFE-PBF Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
LTC3521EFE-TRPBF LINER-LTC3521EFE-TRPBF Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
LTC3521EUF-PBF LINER-LTC3521EUF-PBF Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
LTC3521EUF-TRPBF LINER-LTC3521EUF-TRPBF Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
More results

Similar Description - LTC3521_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3521 LINER-LTC3521 Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Linear Technology
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
   1A Low Noise, Buck-Boost DC/DC Converter
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com