Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3521 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3521
Description  1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3521 Datasheet(HTML) 5 Page - Linear Technology

  LTC3521_15 Datasheet HTML 1Page - Linear Technology LTC3521_15 Datasheet HTML 2Page - Linear Technology LTC3521_15 Datasheet HTML 3Page - Linear Technology LTC3521_15 Datasheet HTML 4Page - Linear Technology LTC3521_15 Datasheet HTML 5Page - Linear Technology LTC3521_15 Datasheet HTML 6Page - Linear Technology LTC3521_15 Datasheet HTML 7Page - Linear Technology LTC3521_15 Datasheet HTML 8Page - Linear Technology LTC3521_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC3521
5
3521fb
For more information www.linear.com/LTC3521
Switching Frequency
vs Temperature
Buck-Boost Feedback Voltage
vs Temperature
Typical perForMance characTerisTics
Buck Feedback Voltage
vs Temperature
Buck-Boost Maximum Load Current
vs VIN, Burst Mode Operation
Buck-Boost Switches RDS(ON)
vs Temperature
Buck Switches RDS(ON)
vs Temperature
Switching Frequency vs VIN
TA = 25°C, unless otherwise noted.
Burst Mode Quiescent Current
vs VIN
TEMPERATURE (°C)
–40
120
140
100
100
80
0
40
–20
20
60
120
80
20
0
60
160
40
3521 G05
PMOS
(SWITCHES A AND D)
NMOS
(SWITCHES B AND C)
VIN = 3.6V
VOUT1 = 3.3V
TEMPERATURE (°C)
–40
300
100
250
200
0
40
–20
20
60
120
80
50
0
150
350
100
3521 G06
PMOS
NMOS
VIN = 3.6V
TEMPERATURE (°C)
–50
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–10
30 50
3521 G07
–0.6
0.6
0.8
0.2
–30
10
70 90 110
VIN (V)
1.8
1.0
1.5
5.3
0.5
0
2.8
3.8
2.3
3.3
4.3
4.8
–1.5
–2.0
–0.5
2.0
–1.0
3521 G08
TEMPERATURE (°C)
–40
0.1
100
0
–0.1
0
40
–20
20
60
120
80
–0.4
–0.5
–0.2
0.2
–0.3
3521 G09
TEMPERATURE (°C)
–0.1
0
0.1
–0.2
–0.3
–0.4
–0.5
0.2
3521 G10
–50 –25
25
0
50
75
100 125
VIN (V)
1.8
5.3
31
2.8
3.8
2.3
3.3
4.3
4.8
25
29
33
27
3521 G11
ALL THREE CONVERTERS ENABLED
VIN (V)
1.8
60
70
80
5.3
50
40
2.8
3.8
2.3
3.3
4.3
4.8
10
0
30
90
20
3521 G12
VOUT = 3V
VOUT = 5V
Buck-Boost Maximum Load
Current vs VIN, PWM Mode
100
500
900
1300
300
700
1100
1500
VIN (V)
3521 G13
VOUT = 3.3V
L = 4.7µH
VOUT = 5V
1.8
5.3
2.8
3.8
2.3
3.3
4.3
4.8


Similar Part No. - LTC3521_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3521EFE-PBF LINER-LTC3521EFE-PBF Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
LTC3521EFE-TRPBF LINER-LTC3521EFE-TRPBF Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
LTC3521EUF-PBF LINER-LTC3521EUF-PBF Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
LTC3521EUF-TRPBF LINER-LTC3521EUF-TRPBF Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
More results

Similar Description - LTC3521_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3521 LINER-LTC3521 Datasheet
1Mb / 20P
   Wide VIN, 1A Buck-Boost DC/DC and Dual 600mA Buck DC/DC Converters
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Linear Technology
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
   1A Low Noise, Buck-Boost DC/DC Converter
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
   Synchronous 1A Buck-Boost and 600mA Buck Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com