Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2150W Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ2150W
Description  30 AMP MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ2150W Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ2150W Datasheet HTML 1Page - ZETTLER Electronics AZ2150W Datasheet HTML 2Page - ZETTLER Electronics AZ2150W Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
RELAY ORDERING DATA
COIL SPECIFICATIONS – DC Coil
Nominal Coil
Must Operate
Min. Holding
Max. Continuous
Coil Resistance
ORDER NUMBER*
VDC
VDC
VDC
VDC
Ohm ± 10%
5
3.75
2.5
6.0
22.5
AZ2150W–1AE–5DFT
6
4.50
3.0
7.2
32.5
AZ2150W–1AE–6DFT
9
6.75
4.5
10.8
73
AZ2150W–1AE–9DFT
12
9.0
6.0
14.4
130
AZ2150W–1AE–12DFT
24
18.0
12.0
38.8
520
AZ2150W–1AE–24DFT
48
36.0
24.0
57.6
2,080
AZ2150W–1AE–48DFT
* Substitute “DEFT” in place of “DFT” for epoxy sealed version.
Coils 5VDC, 6VDC, 48VDC not VDE approved.
AZ2150W
MECHANICAL DATA
Viewed toward
terminals
1 FORM A
(SPST-NO)
WIRING DIAGRAM
Viewed toward
terminals
PC BOARD LAYOUT
.500
(12.7)
.196
(5.0)
1.06
(26.9)
.090
(2.3)
1.25
(31.80)
.690
(17.5)
.751
(19.1)
.130
+ .020
– .010
+ 0.51
– 0.25
(3.3
)
.200
(5.1)
.045 x .045
(1.14 x 1.14)
.025 x .025
(0.63 x 0.63)
.032 x .062
(0.81 x 1.57)
.700
(17.8)
.400
(10.2)
.500
(12.8)
2 x ø
.079
(ø 2.0)
1.000
(25.4)
2 x ø
.044
(ø 1.1)
.150 (3.8)
.550 (14.0)
Vent nib. (Please pay attention to note 4 on page 1.)
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2015-03-31


Similar Part No. - AZ2150W

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2150W AZETTLER-AZ2150W Datasheet
441Kb / 2P
   High dielectric strength version available
More results

Similar Description - AZ2150W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ2280 ETC-AZ2280 Datasheet
69Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2310 AZETTLER-AZ2310 Datasheet
83Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2800 AZETTLER-AZ2800 Datasheet
92Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2850 ZETTLER-AZ2850_14 Datasheet
52Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ2250 ETC1-AZ2250 Datasheet
43Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800 Datasheet
59Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 ZETTLER-AZ2850 Datasheet
60Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2270 AZETTLER-AZ2270 Datasheet
105Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 AZETTLER-AZ2850 Datasheet
113Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800_14 Datasheet
50Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com