Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2150W Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AZ2150W
Description  30 AMP MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ2150W Datasheet(HTML) 3 Page - ZETTLER Electronics

  AZ2150W Datasheet HTML 1Page - ZETTLER Electronics AZ2150W Datasheet HTML 2Page - ZETTLER Electronics AZ2150W Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AZ2150W
Breaking capacity [kVA]
0
0,8
1,6
2,4
3,2
4,0
104
105
106
107
Electrical life at 250 VAC, resistive load
4,8
5,6
6,4
7,2
8,0
Power factor
1,0
0,9
0,7
0,8
0,2
0,9
1,0
0,8
0,3
cos
j
F
0,3
0,4
0,5
0,6
0,4
0,5
0,6
0,7
Ncos
= N x F
Electrical life reduction factor at inductive AC load
j
Voltage [V]
10
20
30
40 50
100
200
400
0,1
0,5
1
2
5
30
10
50
Max. AC/DC resistive load breaking capacity
DC
AC
600
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2015-03-31


Similar Part No. - AZ2150W

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2150W AZETTLER-AZ2150W Datasheet
441Kb / 2P
   High dielectric strength version available
More results

Similar Description - AZ2150W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ2280 ETC-AZ2280 Datasheet
69Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2310 AZETTLER-AZ2310 Datasheet
83Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2800 AZETTLER-AZ2800 Datasheet
92Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2850 ZETTLER-AZ2850_14 Datasheet
52Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ2250 ETC1-AZ2250 Datasheet
43Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800 Datasheet
59Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 ZETTLER-AZ2850 Datasheet
60Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2270 AZETTLER-AZ2270 Datasheet
105Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 AZETTLER-AZ2850 Datasheet
113Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800_14 Datasheet
50Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com