Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2151-1A-15DE Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ2151-1A-15DE
Description  MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ2151-1A-15DE Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ2151-1A-15DE Datasheet HTML 1Page - ZETTLER Electronics AZ2151-1A-15DE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AZ2150
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 30 A 120 VAC Res. (N.O.)
Operate Time
Max. 12 ms
Typical: 8 ms
Release Time
Max. 5 ms
Typical: 3.5 ms
Dielectric Strength
2500 Vrms coil to contact
(at sea level for 1 min.) 1500 Vrms between open contacts
Insulation Resistance
1000 megohms min. at 500 VDC, 20°C
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-55°C (-67°F) to 85°C (185°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
20 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
25 grams
MINIATURE
POWER RELAY
FEATURES
• 30 Amp switching capability for both N.O. and
N.C. contacts
• 1 Form A, B and C contacts available
• Life expectancy to 10 million operations
• Class B insulation standard
• Class F (155°C) version available
• Available with an epoxy seal for automatic wave
soldering and immersion cleaning
• Proof Tracking Index (PTI/CTI) 175
• UL, CUR file E44211 including versions meeting
UL 508 and UL 873 spacing and contact rating
requirements;
• VDE certificate 40023154 (AZ2150-1A and 1C only)
COIL
Power
At Pickup Voltage
500 mW
(typical)
Max. Continuous
2.2 W at 20°C (68°F) ambient
Dissipation
1.8 W at 40°C (104°F) ambient
Temperature Rise
43°C (77°F) at nominal coil voltage
Temperature
Max. 130°C (266°F) Class B
Max. 155°C (311°F) Class F
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Other coil resistances and sensitivities available upon request.
Please call the factory.
5. Specifications subject to change without notice.
Arrangement
SPDT (1 Form C),
SPST (1 Form A and 1 Form B)
Ratings
Resistive load:
Max. switched power: 900 W or 7200 VA
Max. switched current: 30 A
Max. switched voltage: 30 VDC* or 300 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
VDE
See chart for UL contact ratings on page 2.
AZ2150 series meets UL 508 group A spacing
and UL 873 refrigeration and safety control
requirements. AZ2151 series meets UL 508
group B spasing requirements.
Class F coil wire version - 1 Form A
25 A at 250 VAC, resistive, 10k cycles
Class B coil wire version - 1 Form A
20 A at 250 VAC, resistive, 10k cycles
Class B & F coil wire version - 1 Form C
N.O.: 20 A at 250 VAC, resistive, 10k cycles
N.C.: 10 A at 250 VAC, resistive, 10k cycles
Material
Silver cadmium oxide
Resistance
< 20 milliohms initially
(at rated current, voltage drop method)
CONTACTS
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-07-03


Similar Part No. - AZ2151-1A-15DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ2151-1A-15DE ZETTLER-AZ2151-1A-15DE Datasheet
70Kb / 2P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2151-1A-15DE AZETTLER-AZ2151-1A-15DE Datasheet
94Kb / 2P
   40A MINIATURE POWER RELAY
More results

Similar Description - AZ2151-1A-15DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com