Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS20200L Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DSS20200L
Description  20V PNP LOW SATURATION TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS20200L Datasheet(HTML) 5 Page - Diodes Incorporated

  DSS20200L_15 Datasheet HTML 1Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 2Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 3Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 4Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 5Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 6Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DSS20200L
Document number: DS31604 Rev. 3 - 2
5 of 7
www.diodes.com
November 2013
© Diodes Incorporated
DSS20200L
0.001
0.01
0.1
1
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Figure 6 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
I/I = 10
CB
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 150°C
A
1
10
100
1,000
10,000
0
0.2
0.4
0.6
0.8
1.0
1.2
-I , COLLECTOR CURRENT (mA)
C
Figure 7 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -2V
CE
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Figure 8 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
I
= 10
CB
/I
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Figure 9 Typical Capacitance Characteristics
1
10
100
1,000
Cibo
Cobo
f = 1MHz
1
10
100
1,000
0
1020
30
40
50 6070 80
90 100
-I , COLLECTOR CURRENT (mA)
C
Figure 10 Typical Gain-Bandwidth Product
vs. Collector Current
V
= -5V
f = 100MHz
CE


Similar Part No. - DSS20200L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS20200L-7 DIODES-DSS20200L-7 Datasheet
120Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSS20200L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMTL718 DIODES-FMMTL718_15 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMTL718 DIODES-FMMTL718_11 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT718 DIODES-FMMT718_15 Datasheet
395Kb / 7P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
   40V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749F DIODES-ZXTP749F_15 Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749F DIODES-ZXTP749F Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
FMMT723 DIODES-FMMT723_15 Datasheet
407Kb / 7P
   100V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749FTA DIODES-ZXTP749FTA Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com