Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS20200L Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DSS20200L
Description  20V PNP LOW SATURATION TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS20200L Datasheet(HTML) 1 Page - Diodes Incorporated

  DSS20200L_15 Datasheet HTML 1Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 2Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 3Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 4Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 5Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 6Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DSS20200L
Document number: DS31604 Rev. 3 - 2
1 of 7
www.diodes.com
November 2013
© Diodes Incorporated
DSS20200L
20V PNP LOW SATURATION TRANSISTOR IN SOT23
Features
BVCEO > -20V
IC = -2A Continuous Collector Current
ICM = -4A Peak Pulse Current
Low Saturation Voltage VCE(sat) < -120mV @ -1A
RCE(SAT) = 40mΩ for a low equivalent on-resistance
Complimentary NPN Type : DSS20201L
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: molded plastic, “Green” molding compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.008 grams (approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DSS20200L-7
ZP1
7
8
3,000
DSS20200L-13
ZP1
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2008
2009
2010
2011
2012
2013
2014
2015
Code
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
ZP1 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: A = 2013)
M = Month (ex: 9 = September)
ZP1


Similar Part No. - DSS20200L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS20200L-7 DIODES-DSS20200L-7 Datasheet
120Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSS20200L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMTL718 DIODES-FMMTL718_15 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMTL718 DIODES-FMMTL718_11 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT718 DIODES-FMMT718_15 Datasheet
395Kb / 7P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
   40V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749F DIODES-ZXTP749F_15 Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749F DIODES-ZXTP749F Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
FMMT723 DIODES-FMMT723_15 Datasheet
407Kb / 7P
   100V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749FTA DIODES-ZXTP749FTA Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com