Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS20200L Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DSS20200L
Description  20V PNP LOW SATURATION TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS20200L Datasheet(HTML) 4 Page - Diodes Incorporated

  DSS20200L_15 Datasheet HTML 1Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 2Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 3Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 4Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 5Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 6Page - Diodes Incorporated DSS20200L_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DSS20200L
Document number: DS31604 Rev. 3 - 2
4 of 7
www.diodes.com
November 2013
© Diodes Incorporated
DSS20200L
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-20
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
-20
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
V
IE = -100µA
Collector-Base Cutoff Current
ICBO
-100
nA
VCB = -20V, IE = 0
Emitter-Base Cutoff Current
IEBO
-100
nA
VEB = -7V, IC = 0
ON CHARACTERISTICS (Note 9)
DC Current Gain
hFE
250
VCE = -2V, IC = -10mA
250
VCE = -2V, IC = -500mA
180
VCE = -2V, IC = -1A
150
VCE = -2V, IC = -2A
Collector-Emitter Saturation Voltage
VCE(SAT)
-13
mV
IC = -0.1A, IB = -10mA
-50
-90
IC = -1A, IB = -100mA
-100
-120
IC = -1A, IB = -10mA
-80
-180
IC = -2A, IB = -200mA
Equivalent On-Resistance
RCE(SAT)
40
90
m
Ω
IC = -2A, IB = -200mA
Base-Emitter Saturation Voltage
VBE(SAT)
-0.9
V
IC = -1A, IB = -10mA
Base-Emitter Turn-on Voltage
VBE(ON)
-0.9
V
VCE = -2V, IC = -1A
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
100
MHz
VCE = -5V, IC = -100mA,
f = 100MHz
Output Capacitance
Cobo
100
pF
VCB = -3V, f = 1MHz
Input Capacitance
Cibo
330
pF
VEB = -0.5V, f = 1MHz
SWITCHING CHARACTERISTICS
Turn-On Time
ton
180
ns
VCC = -15V, IC = -750mA,
IB1 = -15mA
Delay Time
td
60
ns
Rise Time
tr
120
ns
Turn-Off Time
toff
430
ns
VCC = -15V, IC = -750mA,
IB1 = IB2 = -15mA
Storage Time
ts
300
ns
Fall Time
tf
130
ns
Note:
9. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
468
10
-V , COLLECTOR-EMITTER VOLTAGE (V)
CE
Figure 4 Typical Collector Current
vs. Collector-Emitter Voltage
I = -1mA
B
I = -2mA
B
I = -3mA
B
I = -4mA
B
I = -5mA
B
10
100
1,000
0.1
1
10
100
1,000
10,000
-I , COLLECTOR CURRENT (mA)
C
Figure 5 Typical DC Current Gain vs. Collector Current
T = 150°C
A
T = 25°C
A
T = -55°C
A
T = 85°C
A
V
= -2V
CE


Similar Part No. - DSS20200L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS20200L-7 DIODES-DSS20200L-7 Datasheet
120Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSS20200L_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMTL718 DIODES-FMMTL718_15 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMTL718 DIODES-FMMTL718_11 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT718 DIODES-FMMT718_15 Datasheet
395Kb / 7P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
   40V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749F DIODES-ZXTP749F_15 Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749F DIODES-ZXTP749F Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
FMMT723 DIODES-FMMT723_15 Datasheet
407Kb / 7P
   100V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP749FTA DIODES-ZXTP749FTA Datasheet
229Kb / 7P
   25V PNP LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com