Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V1000LA160B Datasheet(PDF) 10 Page - Littelfuse

Part # V1000LA160B
Description  Line Voltage Operation, Radial Lead
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V1000LA160B Datasheet(HTML) 10 Page - Littelfuse

Back Button V1000LA160B Datasheet HTML 2Page - Littelfuse V1000LA160B Datasheet HTML 3Page - Littelfuse V1000LA160B Datasheet HTML 4Page - Littelfuse V1000LA160B Datasheet HTML 5Page - Littelfuse V1000LA160B Datasheet HTML 6Page - Littelfuse V1000LA160B Datasheet HTML 7Page - Littelfuse V1000LA160B Datasheet HTML 8Page - Littelfuse V1000LA160B Datasheet HTML 9Page - Littelfuse V1000LA160B Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2
LA Varistor Series
Varistor Products
Line Voltage Operation, Radial Lead
59
www .littelfuse .com
Additional Lead Style Options
Radial lead types can be supplied with combination preformed crimp and
trimmed leads. This option is supplied to the dimensions shown.
*Seating plane interpretation per IEC-717
CRIMPED AND TRIMMED LEAD
SYMBOL
VARISTOR MODEL SIZE
7mm
10mm
14mm
20mm
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A-
-
15
(0.591)
-
-
19.5 (0.768)
-
-
22.5 (0.886)
-
-
29.0 (1.142)
LTRIM
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
NOTE: Dimensions in millimeters, inches in parentheses.
To order this crimped and trimmed lead style, standard radial type model
numbers are changed by replacing the model letter “A” with “C”.
Example:
• For crimped leads without trimming and any variations to the above,
contact Littelfuse.
• For 10/±1mm lead spacing on 20mm diameter models only;
append standard model numbers by adding “X10”.
Example:
STANDARD CATALOG
MODEL
ORDER AS:
V130LA20A
V130LA20AX10
VARISTOR
VM(AC)
130V to 1,000V
CLAMP VOLTAGE VARIANT
(Where Applicable)
SERIES DESIGNATOR/
LEAD STYLE DESIGNATOR
LC = Crimped and Clipped
LS = Straight
LT = Crimped
LU = Under Crimped
V XXX LA XX X
RELATIVE ENERGY INDICATOR
(One or Two Digits)
Ordering Information
LA series Varistors are shipped standard in bulk pack with straight leads and lead spacing outlined in the package dimensions on page 4-13.
Contact your Littelfuse sales representative to discuss the non-standard options outlined below.
Next
Previous


Similar Part No. - V1000LA160B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V1000LA160B LITTELFUSE-V1000LA160B Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V1000LA160B LITTELFUSE-V1000LA160B Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V1000LA160B LITTELFUSE-V1000LA160B Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V1000LA160BP LITTELFUSE-V1000LA160BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V1000LA160BP LITTELFUSE-V1000LA160BP Datasheet
833Kb / 13P
   Radial Lead Varistors
More results

Similar Description - V1000LA160B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V320LS20A LITTELFUSE-V320LS20A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Socay Electornics Co., ...
K1-076 SOCAY-K1-076 Datasheet
191Kb / 3P
   Radial Lead Transient Voltage Suppressors
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
   Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
   Radial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com