Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2501P1-1C-12D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ2501P1-1C-12D
Description  50 AMP LATCHING POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ2501P1-1C-12D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ2501P1-1C-12D Datasheet HTML 1Page - ZETTLER Electronics AZ2501P1-1C-12D Datasheet HTML 2Page - ZETTLER Electronics AZ2501P1-1C-12D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MECHANICAL DATA
2014-09-08
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
AZ2501P
1.547MAX
[39.3]
.205
[5.2]
.118
[3.0]
1.201MAX
[30.5]
0.177
[4.5]
.083
[2.1]
.132
[3.35]
.295
[7.5]
.376
[9.6]
.266
[6.8]
1.083
[27.5]
.472
[12.0]
.167
[4.3]
.094
[2.4]
.394
[10.0]
.031
[0.8]
.024
[0.60]
.094
[2.4]
.063
[1.6]
.059
[1.5]
3
4
6
5
2
.024
[0.60]
.601MAX
[15.3]
1
Terminal 5 omitted (single coil)
Terminal 6 omitted (form A)
.167
[4.3]
.472
[12.0]
1.083
[27.5]
.266
[6.8]
.376
[9.6]
4
3
2
5
6
1
.143
[3.63]
3x
.078
[1.98]
3x
.041
[1.04]
Suffix “K” only
Suffix “W” only
Suffix “K” only
PC BOARD LAYOUT
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
RELAY ORDERING DATA
COIL SPECIFICATIONS - STANDARD SINGLE COIL
Nominal Coil
VDC
Must Operate
VDC
Max. Continuous
VDC [1]
Coil Resistance
Ohm ± 10%
ORDER NUMBER*
1 Form A
1 Form C
6
4.8
7.8
24
AZ2501P1-1A-6D
AZ2501P1-1C-6D
9
7.2
11.7
54
AZ2501P1-1A-9D
AZ2501P1-1C-9D
12
9.6
15.6
96
AZ2501P1-1A-12D
AZ2501P1-1C-12D
24
19.2
31.2
384
AZ2501P1-1A-24D
AZ2501P1-1C-24D
48
38.4
62.4
1536
AZ2501P1-1A-48D
AZ2501P1-1C-48D
* For epoxy sealed version (not allowed with manual switch) add suffix “E”.
For manual switch add suffix “W”.
For PCB retaining stud add suffix “K”.
For reverse polarity coil add suffix “R”.
NOTE: [1] Max. continuous voltage should not be applied for more then 60 seconds.
COIL SPECIFICATIONS - STANDARD DUAL COIL
Nominal Coil
VDC
Must Operate
VDC
Max. Continuous
VDC [1]
Coil Resistance
Ohm ± 10%
ORDER NUMBER*
1 Form A
1 Form C
6
4.8
7.8
12
AZ2501P2-1A-6D
AZ2501P2-1C-6D
9
7.2
11.7
27
AZ2501P2-1A-9D
AZ2501P2-1C-9D
12
9.6
15.6
48
AZ2501P2-1A-12D
AZ2501P2-1C-12D
24
19.2
31.2
192
AZ2501P2-1A-24D
AZ2501P2-1C-24D
48
38.4
62.4
768
AZ2501P2-1A-48D
AZ2501P2-1C-48D


Similar Part No. - AZ2501P1-1C-12D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2501P1-1C-12D AZETTLER-AZ2501P1-1C-12D Datasheet
167Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ2501P1-1C-12D ZETTLER-AZ2501P1-1C-12D Datasheet
74Kb / 3P
   50 AMP LATCHING POWER RELAY
More results

Similar Description - AZ2501P1-1C-12D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2501 AZETTLER-AZ2501 Datasheet
167Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ2501P2 ZETTLER-AZ2501P2 Datasheet
74Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
Picker Components
PC10L-50 PICKER-PC10L-50 Datasheet
459Kb / 2P
   50 Amp Latching PCB Relay
PC10 PICKER-PC10 Datasheet
522Kb / 3P
   50 Amp Latching PCB Relay
logo
ZETTLER Electronics
AZ762P ZETTLER-AZ762P Datasheet
70Kb / 3P
   20 AMP LATCHING POWER RELAY
logo
American Zettler, Inc.
AZ2510 AZETTLER-AZ2510 Datasheet
125Kb / 2P
   100 AMP LATCHING POWER RELAY
AZ2501L AZETTLER-AZ2501L Datasheet
305Kb / 3P
   60 AMP LATCHING POWER RELAY
AZ2500 AZETTLER-AZ2500 Datasheet
192Kb / 3P
   60 AMP LATCHING POWER RELAY
logo
Picker Components
PCT90EL PICKER-PCT90EL Datasheet
544Kb / 3P
   30, 40 or 50 Amp Latching PCB Relay
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
   30, 40 or 50 Amp Latching PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com