Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2850-2C-12D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ2850-2C-12D
Description  30 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ2850-2C-12D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ2850-2C-12D Datasheet HTML 1Page - ZETTLER Electronics AZ2850-2C-12D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-09-08
RELAY ORDERING DATA
COIL SPECIFICATIONS – DC Coil
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
ORDER NUMBER*
VDC
VDC
VDC
mA ± 10%
Ohm ± 10%
6
4.5
10.5
272.0
22
AZ2850–2C–6D
12
9.0
20.7
140.0
86
AZ2850–2C–12D
24
18.0
41.8
68.5
350
AZ2850–2C–24D
48
36.0
83.4
34.5
1,390
AZ2850–2C–48D
110
82.5
190.5
15.2
7,255
AZ2850–2C–110D
AZ2850
MECHANICAL DATA
0
1
8
6
2
4
0
WIRING DIAGRAMS
[26.4]
1.04
7
1
.084
[5.08]
1.209
[30.71]
[6.91]
.272
.31
[7.9]
.27
[6.9]
PC BOARD LAYOUT
1.000
[25.40]
8
6
2 Form C
[34.8]
1.37 Max.
1.21 Max.
[30.7]
2 Form A
.20
[2.12]
2
4
3
[3.8]
.15
[ø 1.8]
16 x ø .070
.16
[4.1]
.43
.20
[10.92]
[5.08]
.20
[5.08]
(Form C only)
.33
[8.4]
.04
[1.0]
.03
[.8]
[6.35]
.25
[52.6]
2.07 Max.
.31
[15.0]
.59
[7.9]
.63
[16.0]
[4.1]
.16
[41.1]
1.62
1.00
[25.4]
Viewed toward terminals
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
COIL SPECIFICATIONS – AC Coil
50 Hz
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
ORDER NUMBER*
VAC
VAC
VAC
mA ± 10%
Ohm ± 10%
12
9.6
15.6
340.0
8
AZ2850–2C–12A5
24
19.2
31.2
166.0
45
AZ2850–2C–24A5
120
96.0
156.0
33.3
1,125
AZ2850–2C–120A5
220
176.0
286.0
18.2
3,800
AZ2850–2C–220A5
240
192.0
312.0
16.7
4,500
AZ2850–2C–240A5
277
221.6
360.1
14.4
6,000
AZ2850–2C–277A5
* Subsitute “2A” in place of “2C” to indicate 2 Form A contacts.
“2A” or “2C” denote silver cadmium contacts.
Add suffix “E” to “2A” or “2C” for silver tin oxide contacts.
Add suffix “E” at the end of order number for sealed version.


Similar Part No. - AZ2850-2C-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ2850-2C-12D ZETTLER-AZ2850-2C-12D Datasheet
60Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2850-2C-12D AZETTLER-AZ2850-2C-12D Datasheet
113Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ2850-2C-12D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ2280 ETC-AZ2280 Datasheet
69Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2150W ZETTLER-AZ2150W Datasheet
532Kb / 3P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2310 AZETTLER-AZ2310 Datasheet
83Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2800 AZETTLER-AZ2800 Datasheet
92Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ2250 ETC1-AZ2250 Datasheet
43Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800 Datasheet
59Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 ZETTLER-AZ2850 Datasheet
60Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2270 AZETTLER-AZ2270 Datasheet
105Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 AZETTLER-AZ2850 Datasheet
113Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800_14 Datasheet
50Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com