Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2850-2C-220A5 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ2850-2C-220A5
Description  30 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ2850-2C-220A5 Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ2850-2C-220A5 Datasheet HTML 1Page - ZETTLER Electronics AZ2850-2C-220A5 Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AZ2850
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-09-08
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
5 x 107
Electrical
1 x 105 at 30 A 277 VAC Res. (N.O.)
Operate Time
15 ms typical
25 ms maximum with bounce
Release Time
10 ms typical
25 ms maximum with bounce
(with no coil suppression)
Dielectric Strength
1500 Vrms contact to contact
(at sea level for 1 min.) 4000 Vrms contact to coil
2000 Vrms between contact sets
Insulation Resistance
109 ohms minimum at 500 VDC
Dropout
DC: Greater than 10% of nominal coil voltage
AC: Greater than 20% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
DC: -40°C (-40°F) to 85°C (185°F)
AC: -40°C (-40°F) to 65°C (149°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
Operational, 10 g for 11 ms 1/2 sine pulse
(no contact opening > 100usec)
Non-destructive, 100 g for 11 ms 1/2 sine pulse
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
86 grams
Packing unit in pcs
20 per plastic tray / 100 per carton box
30 AMP MINIATURE
POWER RELAY
FEATURES
• DPST-NO and DPDT configuration
• Meets 8 mm creepage, 4 kV dielectric
• Epoxy selead version available
• UL Class F (155°C) standard
• UL, CUR file E44211
• VDE certificate 40023442
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
Arrangement
DPST (2 Form A)
DPDT (2 Form C)
Ratings
Resistive load:
Max. switched power: 560 W or 8310 VA
Max. switched current: 30 A (N.O.), 3 A (N.C.)
Max. switched voltage: 30 VDC* or 600 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL
VDE
Normally open contacts (N.O.)
30 A at 277 VAC, General Use, 100k cycles [1][2]
10 A at 600VAC, General Use, 6k cycles [1]
1 HP at 120 VAC, 100k cycles [1][2]
2.5 HP at 240 VAC, 100k cycles [1][2]
8 FLA / 26 LRA at 600 VAC, 30k cycles [1]
Normally open contacts (N.O.), DC coils only
25.3 FLA / 110 LRA at 240 VAC, 30k cycles [1][2]
Normally closed contacts (N.C.)
3 A at 277 VAC, General Use, 100k cycles [1][2]
2 A at 480 VAC, General Use, 6k cycles [1]
1 A at 600 VAC, General Use, 6k cycles [1]
3 FLA / 3 LRA at 240 VAC, 30k cycles [1]
2 FLA / 2 LRA at 480 VAC, 30k cycles [1]
1 FLA / 1 LRA at 600 VAC, 30k cycles [1]
Normally open contacts (N.O.)
30 A at 250 VAC, resistive, 50k cycles [2]
Normally closed contacts (N.C.)
3 A at 250 VAC, resistive, 50k cycles [2]
Material
Silver cadmium [1], silver tin oxide [2],
Resistance
< 50 milliohms initially
(at 6 V, 1 A, voltage drop method)
CONTACTS
Power
At Pickup Voltage
(typical)
Max. Continuous
Dissipation
Temperature Rise
925 mW, DC coil
2.6 VA, AC coil
5 W at 20°C (68°F) ambient, DC coil
7 VA at 20°C (68°F) ambient, AC coil
48°C (86°F) at nominal coil voltage, DC coil
68°C (122°F) at nominal coil voltage, AC coil
Temperature
Max. 155°C (311°F)
COIL


Similar Part No. - AZ2850-2C-220A5

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ2850-2C-220A5 ZETTLER-AZ2850-2C-220A5 Datasheet
60Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ2850-2C-220A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ2280 ETC-AZ2280 Datasheet
69Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2150W ZETTLER-AZ2150W Datasheet
532Kb / 3P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2310 AZETTLER-AZ2310 Datasheet
83Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2800 AZETTLER-AZ2800 Datasheet
92Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ2250 ETC1-AZ2250 Datasheet
43Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800 Datasheet
59Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 ZETTLER-AZ2850 Datasheet
60Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ2270 AZETTLER-AZ2270 Datasheet
105Kb / 2P
   30 AMP MINIATURE POWER RELAY
AZ2850 AZETTLER-AZ2850 Datasheet
113Kb / 2P
   30 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ2800 ZETTLER-AZ2800_14 Datasheet
50Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com