Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ6991-1A-12D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ6991-1A-12D
Description  SENSITIVE SUBMINIATURE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ6991-1A-12D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ6991-1A-12D Datasheet HTML 1Page - ZETTLER Electronics AZ6991-1A-12D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 X 107 operations
Electrical
1 X 105 at 5 A, 250 VAC
Operate Time (typical)
5 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1000 Vrms between open contacts
(at sea level for 1 min.) 4000 Vrms contact to coil
6000 V surge, contact to coil
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (158°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
1 mm DA at 10–500 Hz
Shock
5 g
Enclosure
P.B.T. polyester 94V-0
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
260°C (500°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
6 grams
Packing unit in pcs
horizontal version
20 per plastic tube / 1000 per carton box
vertical version
100 per plastic tube / 2000 per carton box
COIL
Power
At Pickup Voltage
95 mW (3 - 24 VDC coils)
(typical)
112 mW (48 - 60 VDC coils)
Max. Continuous
0.9 W at 20°C (68°F) ambient
Dissipation
Temperature Rise
20°C (36°F) at nominal coil voltage
Temperature
Max. 105°C (221°F)
AZ6991
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
SENSITIVE
SUBMINIATURE RELAY
FEATURES
• Extremely small (5mm)
• 8 Amp switching capability
• High sensitivity, 95 mW pickup
• Dielectric strength 4000 Vrms contact to coil
• Isolation spacing greater than 8 mm
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1)
EN 60335-1 (VDE 0700, part 1)
• Epoxy sealed version available
• UL, CUR file E43203
• VDE certificate 40020561
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power:
180 W or 2216 VA
Max. switched current: 8 A
Max. switched voltage: 125 VDC or 400VAC
* Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
VDE
1 Form A
8 A at 277 VAC, resistive, 85°C, 10k cycles
6 A at 277 VAC, resistive, 85°C, 60k cycles
6 A at 30 VDC, 85°C, 60k cycles
C300, R300 pilot duty, 20°C, 30k cycles
1 Form C
8 A at 277 VAC, resistive, 85°C, 10k cycles (N.O.)
6 A at 277 VAC, resistive, 85°C, 30k cycles (N.O.)
6 A at 30 VDC, 85°C, 30k cycles (N.O.)
C300, R300 pilot duty, 20°C, 30k cycles (N.O.)
6 A at 277 VAC, resistive, 85°C, 10k cycles (N.C.)
6 A at 30 VDC, 85°C, 10k cycles (N.C.)
B300, R300 pilot duty, 85°C (N.C.)
1 Form A
6 A at 250 VAC, 85°C, 50k cycles
6 A at 30 VDC, 85°C, 60k cycles
1 Form C
6 A at 250 VAC, 85°C, 10k cycles
6 A at 30 VDC, 85°C, 10k cycles
Material
Silver nickel or silver tin oxide,
gold plating available
Resistance
< 50 milliohm initially
CONTACTS
1. All values at 20°C (68°F)
2. Relay may pull in with less than “Must Operate” value.
3. Specification subject to change without notice.
4. When install 1 Form C type of AZ6991, please do not mount “X”
marked side down.
NOTES
2012-05-04


Similar Part No. - AZ6991-1A-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6991-1A-12D ZETTLER-AZ6991-1A-12D Datasheet
55Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6991-1A-12D AZETTLER-AZ6991-1A-12D Datasheet
100Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991-1A-12DE AZETTLER-AZ6991-1A-12DE Datasheet
100Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results

Similar Description - AZ6991-1A-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ699 ETC-AZ699 Datasheet
128Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ695 ETC1-AZ695 Datasheet
45Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ937 ZETTLER-AZ937 Datasheet
62Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ699 ZETTLER-AZ699 Datasheet
173Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
AZ6991 ZETTLER-AZ6991 Datasheet
55Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6991 AZETTLER-AZ6991 Datasheet
100Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ9371 ZETTLER-AZ9371 Datasheet
53Kb / 3P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ937 AZETTLER-AZ937 Datasheet
88Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com