Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8462 Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ8462
Description  MICROMINIATURE POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ8462 Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ8462 Datasheet HTML 1Page - ZETTLER Electronics AZ8462 Datasheet HTML 2Page - ZETTLER Electronics AZ8462 Datasheet HTML 3Page - ZETTLER Electronics AZ8462 Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-09-26
AZ8462
RELAY ORDERING DATA
SINGLE COIL
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
VDC
Must Operate
VDC
Max. Continuous
VDC
Coil Resistance
Ohm ± 10
THT
SMT
1.5
1.13
2.2
16
AZ8462-1.5
AZ8462S-1.5
3
2.25
4.5
64.3
AZ8462-3
AZ8462S-3
4.5
3.38
6.7
145
AZ8462-4.5
AZ8462S-4.5
5
3.75
7.5
178
AZ8462-5
AZ8462S-5
6
4.5
9.0
257
AZ8462-6
AZ8462S-6
9
6.75
13.5
579
AZ8462-9
AZ8462S-9
12
9.0
18.0
1,028
AZ8462-12
AZ8462S-12
24
18.0
36.0
4,114
AZ8462-24
AZ8462S-24
48
36.0
57.6
8,533
AZ8462-48
AZ8462S-48
* Add suffix “1” after “S” for SMT short terminals (available for SMT version only).
Add suffix “TR” at the end of order number for Tape and Reel packing (available for SMT version only).
SINGLE COIL LATCHING
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
VDC
Set/Reset
VDC
Max. Continuous
VDC
Coil Resistance
Ohm ± 10
THT
SMT
1.5
1.13
2.7
22.5
AZ8462P1-1.5
AZ8462P1S-1.5
3
2.25
5.4
90
AZ8462P1-3
AZ8462P1S-3
4.5
3.38
8.1
203
AZ8462P1-4.5
AZ8462P1S-4.5
5
3.75
9.0
250
AZ8462P1-5
AZ8462P1S-5
6
4.5
10.8
360
AZ8462P1-6
AZ8462P1S-6
9
6.75
16.2
810
AZ8462P1-9
AZ8462P1S-9
12
9.0
21.6
1,440
AZ8462P1-12
AZ8462P1S-12
24
18.0
43.2
5,760
AZ8462P1-24
AZ8462P1S-24
DUAL COIL LATCHING
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
VDC
Set/Reset
VDC
Max. Continuous
VDC
Coil Resistance
Ohm ± 10
THT
SMT
1.5
1.13
2.2
11.2
AZ8462P2-1.5
AZ8462P2S-1.5
3
2.25
4.5
45
AZ8462P2-3
AZ8462P2S-3
4.5
3.38
6.7
101
AZ8462P2-4.5
AZ8462P2S-4.5
5
3.75
7.5
125
AZ8462P2-5
AZ8462P2S-5
6
4.5
9.0
180
AZ8462P2-6
AZ8462P2S-6
9
6.75
13.5
405
AZ8462P2-9
AZ8462P2S-9
12
9.0
18.0
720
AZ8462P2-12
AZ8462P2S-12
24
18.0
36.0
2,880
AZ8462P2-24
AZ8462P2S-24


Similar Part No. - AZ8462

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ8462-1.5 AZETTLER-AZ8462-1.5 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ8462-12 AZETTLER-AZ8462-12 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ8462-24 AZETTLER-AZ8462-24 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ8462-3 AZETTLER-AZ8462-3 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results

Similar Description - AZ8462

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com