Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ7709-1A-5D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ7709-1A-5D
Description  SPST SUBMINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ7709-1A-5D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ7709-1A-5D Datasheet HTML 1Page - ZETTLER Electronics AZ7709-1A-5D Datasheet HTML 2Page - ZETTLER Electronics AZ7709-1A-5D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2015-04-09
AZ7709
Arrangement SPST (1 Form A)
Ratings
Resistive load:
Max. switched power: 150 W or 1250 VA
(Version “T”: 300 W or 2500 VA)
Max. switched current: 5 A
(Version “T”: 10 A)
Max. switched voltage: 30 VDC* or 250 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
TÜV
Standard coil
5 A at 250 VAC, resistive, 85°C, 100k cycles [1][2][3]
5 A at 30 VDC, resistive, 85°C, 100k cycles [1][2][3]
1/6 HP at 125/250 VAC, 85°C, 100k cycles [1][2][3]
Sensitive coil
3 A at 250 VAC, resistive, 85°C, 100k cycles [1][2][3]
3 A at 30 VDC, resistive, 85°C, 100k cycles [1][2][3]
High capacity version “T” - Standard coil
10 A at 250 VAC, resistive, 85°C, 100k cycles [1][2][3]
10 A at 30 VDC, resistive, 85°C, 100k cycles [1][2][3]
1/6 HP at 125/250 VAC, 85°C, 100k cycles [1][2][3]
High capacity version “T” - Sensitive coil
8 A at 250 VAC, resistive, 85°C, 100k cycles [1][2][3]
8 A at 30 VDC, resistive, 85°C, 100k cycles [1][2][3]
Standard coil
5 A at 250 VAC, 100k cycles [1][2]
5 A at 30 VDC, 100k cycles [1][2]
Sensitive coil
3 A at 250 VAC, 100k cycles [1][2]
3 A at 30 VDC, 100k cycles [1][2]
High capacity version “T” - Standard coil
10 A at 250 VAC, 100k cycles [1][2]
10 A at 30 VDC, 100k cycles [1][2]
High capacity version “T” - Sensitive coil
8 A at 250 VAC, 100k cycles [1][2]
8 A at 30 VDC, 100k cycles [1][2]
Material
Silver cadmium oxide [1], silver tin oxide [2],
silver tin oxide indium oxide [3],
gold plating available
Resistance
< 100 milliohms initially
SPST SUBMINIATURE
POWER RELAY
FEATURES
• 4 kV dielectric strength
• Proof tracking index (PTI/CTI) 250
• 5 Amp switching capability (version “T” 10 Amp)
• Epoxy sealed version available
• UL, CUR file E365652
• TÜV file B150188793002
GENERAL DATA
Life Expectancy
Mechanical
Standard version
Electrical
High capacity version “T”
Electrical
Minimum operations
1 x 107
1 x 105 at 5 A 250 VAC Res.
1 x 105 at 10 A 250 VAC Res.
Operate Time (max.)
8 ms at nominal coil voltage
Release Time (max.)
4 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
(at sea level for 1 min.)
4000 Vrms coil to contact
1000 Vrms between open contacts
Insulation
Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Insulation
(according to
DIN VDE 0110,
IEC 60664-1)
C250
Overvoltage category: III
Pollution dregree: 3
Nominal voltage: 250 VAC
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
Operating
At nominal coil voltage
-40°C (-40°F) to 85°C (185°F)
Vibration
1.65 mm DA at 10–55 Hz
Shock
10 g operating, 100 g damage
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
6 grams
CONTACTS


Similar Part No. - AZ7709-1A-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ7709 AZETTLER-AZ7709 Datasheet
1Mb / 2P
   5 Amp switching capability
More results

Similar Description - AZ7709-1A-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ765 AZETTLER-AZ765 Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 AZETTLER-AZ766 Datasheet
101Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ765 ZETTLER-AZ765 Datasheet
64Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 ZETTLER-AZ766_12 Datasheet
44Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 ZETTLER-AZ766 Datasheet
46Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ770H ZETTLER-AZ770H Datasheet
45Kb / 2P
   SPST HIGH TEMPERATURE SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
85Kb / 4P
   SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com